Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAXQ3180-RAN+ Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # MAXQ3180-RAN+
Description  Low-Power, Multifunction, Polyphase AFE
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3180-RAN+ Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button MAXQ3180-RAN+ Datasheet HTML 18Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 19Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 20Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 21Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 22Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 23Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 24Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 25Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 26Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
Low-Power, Multifunction, Polyphase AFE
22
______________________________________________________________________________________
Table 4. RAM Register Summary (continued)
NAME
ADDRESS
(BYTE)
DESCRIPTION
R/W
DEFAULT
VALUE
(HEX)
BITS
NAME
DESCRIPTION
PWR_FS
38
0x026
Power
Calibration
R/W
0x3539
15:0
Power conversion coefficient:
reported power =
PWR_FS x IRMS x VRMS/226
KWHT
40
0x028
kWh Threshold
R/W
0x0084
1C2F
31:0
Defines the LSB of energy
accumulators (default
0.0001kWh)
KAHT
44
0x02C
kAh Threshold
R/W
0x1194
0000
31:0
Defines the LSB of Ah
accumulators (default
0.0001kAh)
CYCNT
48
0x030
Cycle Count
R/W
0x0001
15:0
Defines how many line cycles to
accumulate before calculating
energy
15:11
PLS2SEL
Selects the value for pulse 2
output
10:8
PLS2TRM
Independently selects E1, E2,
and E3 for pulse 2
7:3
PLS1SEL
Selects the value for pulse 1
output
PLSCFG
50
0x032
Pulse Output
Configuration
R/W
0x1707
2:0
PLS1TRM
Independently selects E1, E2,
and E3 for pulse 1
THR1
52
0x34
Pulse 1
Threshold
R/W
0x019C
D813
31:0
Pulse 1 duration timer
(1 LSB = 64SCLK)
THR2
56
0x38
Pulse 2
Threshold
R/W
0x019C
D813
31:0
Pulse 2 duration timer
(1 LSB = 64SCLK)
PLS1_WD
60
0x3C
Pulse 1 Width
R/W
0x186A
15:0
Downcounter load for pulse 1
duration (default 50ms)
PLS2_WD
62
0x3E
Pulse 2 Width
R/W
0x186A
15:0
Downcounter load for pulse 2
duration (default 50ms)
RESERVED
64–83
System
—
—
—
—
—
AVC0
84
0x054
Allpass Filter
Coefficient
R/W
0x3000
15:0
—
AVC1
86
0x056
Allpass Filter
Coefficient
R/W
0x5000
15:0
—
LPF_B0FZC
88
0x058
LPF Coefficient
for Zero Crossing
R/W
0x1000
15:0
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com