Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAXQ3180-RAN+ Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # MAXQ3180-RAN+
Description  Low-Power, Multifunction, Polyphase AFE
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3180-RAN+ Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button MAXQ3180-RAN+ Datasheet HTML 16Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 17Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 18Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 19Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 20Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 21Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 22Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 23Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 24Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
Low-Power, Multifunction, Polyphase AFE
20
______________________________________________________________________________________
Table 4. RAM Register Summary (continued)
NAME
ADDRESS
(BYTE)
DESCRIPTION
R/W
DEFAULT
VALUE
(HEX)
BITS
NAME
DESCRIPTION
15:8, 6, 3,
1:0
—
Reserved. Should be set to 0.
7
PORF
POR flag
5
REV_Q
Reverse pulse 2
4
REV_P
Reverse pulse 1
STATUS2
8
0x008
Status
R/W
0x0000
2
WTRF
Watchdog timer flag
15:8
—
These bits are reserved and
should be set to 0
7
INTGN
Enable IN integrator (di/dt)
6
INTGC
Enable IC integrator (di/dt)
5
INTGB
Enable IB integrator (di/dt)
4
INTGA
Enable IA integrator (di/dt)
3
—
Reserved
2
INEN
Enable neutral current
CONNCT
10
0x00A
Connection and
Power
Calculation
Configuration
R/W
0x0000
1:0
CONNCT
[1:0]
00: P1 = VA x IA
P2 = VB x IB
P3 = VC x IC
01: P1 = VA x IA
P2 = -IB x (VA + VC)
P3 = VC x IC
1x: P1 = VA x IA
P2 = -IB x VA
P3 = VC x IC
RESERVED
12–15
—
—
—
—
—
—
15:12
—
These bits are reserved and
should be set to 0
11:8
MUX
Analog mux setting:
0000: V0P–VN
0001: V1P–VN
0010: V2P–VN
0011: I0P–I0N
0100: I1P–I1N
0101: I2P–I2N
0110: INP–VN
Other: Reserved
7
NOCONV
Disable ADC conversion for this
slot if set
SCAN_0
16
Analog Scan
Configuration
(Slot 0)
R/W
0x0301
6:4
PGA
PGA setting:
000: x1
001: x2
010: x4
011: x8
100: x16
101: x32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com