Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAXQ3180-RAN+ Datasheet(PDF) 37 Page - Maxim Integrated Products

Part # MAXQ3180-RAN+
Description  Low-Power, Multifunction, Polyphase AFE
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3180-RAN+ Datasheet(HTML) 37 Page - Maxim Integrated Products

Back Button MAXQ3180-RAN+ Datasheet HTML 33Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 34Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 35Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 36Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 37Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 38Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 39Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 40Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 41Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
Low-Power, Multifunction, Polyphase AFE
______________________________________________________________________________________
37
Filter coefficients (bpf_b0f and bpf_a1f) are signed 16-
bit values and can be configured by the master. By
default they are tuned to 50Hz frequency, provided that
all other parameters are also set to default values. The
coefficients of the filters should be updated periodically
by the master to track the actual line frequency that
may deviate from the preset value. It is usually enough
to update only one coefficient (bpf_a1) to change the
filter’s peak frequency slightly.
The same mechanism of BPF can be used for a special
feature—measuring individual harmonics. The BPF
coefficients can be set to values that pass only the Nth-
order harmonics on the voltage channel. Then, the
VRMS output produces the Nth harmonics voltage and
the power output produces the Nth harmonics power.
The current IRMS can then be calculated by the master
as IRMS = Power/VRMS.
Phase Angle Compensation
Phase angle compensation requires two coefficients—
cosine and sine of the phase angle PA. The phase
compensation angle PA is calculated based on the log-
arithm of the raw RMS-current values using 3rd-order
curve fitting:
PA x 216 = PA_0 + (PA_1 x X) + (PA_2 x X2) + (PA_3 x X3)
Where
Where brackets [ ] denote the integer and ln_off is the
hard-coded value 6100h.
Curve-fitting coefficients are usually obtained during the
calibration process and loaded into RAM registers upon
initialization. Once the phase angle PA has been calcu-
lated, the MAXQ3180 calculates SIN(PA) and COS(PA)
and performs phase compensation for active and reac-
tive energy. By default, all curve-fitting coefficients are
zeros: PA_0 = PA_1 = PA_2 = PA_3 = 0. The calibration
procedure is discussed in the
Typical Calibration
Procedure for MAXQ3180 section.
Apparent Power
Apparent power is then calculated. The method used is
selectable using the APPSEL (OPMODE.3) bit. If
APPSEL = 0 (the default mode), then
Pwr_S = sqrt (Pwr_A2 + Pwr_R2)
If APPSEL = 1, then
Pwr_S = VRMS x IRMS x NS,
and scaled by shifting in order to produce the same
magnitude as the square-root method (APPSEL = 0).
Linearity Correction
The MAXQ3180 applies linearity compensation to
active, reactive, and apparent energy based on
whether input current signal level is in high range or in
low range. The signal is considered high range if the
voltage across the analog input pins is greater than
approximately 48mVP-P; otherwise the signal is consid-
ered low range. For high range, offset correction is
applied to the apparent power value:
Pwr_S_corr = Pwr_S - Eoff_hi x K
For low range, both offset and gain correction factors
are applied to the apparent power value:
Pwr_S_corr = (1 + Gain_lo/216) x (Pwr_S - Eoff_lo x K)
The factor K accounts for possible voltage and line fre-
quency changes:
K = [NS/216] x [VRMS/216]/216
Separate linearity compensation coefficients (Eoff_hi,
Eoff_lo, Gain_lo) are used for each phase. Initial values of
those coefficients are loaded upon default initialization;
the master can then overwrite coefficients if necessary.
Once the corrected apparent power has been calculat-
ed, the MAXQ3180 applies proportional correction to
active and reactive power, and applies common power
gain to all power samples:
Pwr_A_corr = (1 + E_gain/216) x Pwr_A x
Pwr_S_corr/Pwr_S,
Pwr_R_corr = (1 + E_gain/216) x Pwr_R x
Pwr_S_corr/Pwr_S,
Pwr_S_corr = (1 + E_gain/216) x Pwr_S_corr
The calibration procedure is discussed in the
Typical
Calibration Procedure for MAXQ3180 section.
Energy Accumulation Start Delay
All filters have a certain settling time before accurate
energy readings can be accumulated. To avoid accu-
mulation of invalid data from filters that are still settling,
an energy accumulation timeout period can be set in
the ACC_TIMO register. Together with the accumula-
tion enable (ACC_EN) bit, this provides a means to
control the preaccumulation delay. After reset, ACC_EN
= 0 and no energy is accumulated. After the
ACC_TIMO scan slots have elapsed, the MAXQ3180
sets ACC_EN = 1 and energy accumulation begins.
No-Load Feature
To avoid meter creep, no energy accumulation should
take place when calculated apparent power is less
than a certain threshold. The NOLOAD register can be
X
xIn IRMS
In off
([(
)
([
/
])]
_
)
=
22
2
12
16
16
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com