Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLQP0048KB-B Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # PLQP0048KB-B
Description  RENESAS MCU
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PLQP0048KB-B Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button PLQP0048KB-B Datasheet HTML 26Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 27Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 28Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 29Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 30Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 31Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 32Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 33Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 146 page
background image
RL78/H1D
2. ELECTRICAL SPECIFICATIONS (R5F11N, R5F11P) (A: TA = -40 to +85°C)
R01DS0318EJ0111 Rev. 1.11
Page 30 of 143
Mar 22, 2024
Remark
Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the port pins.
(TA = -40 to +85°C, 2.4 V
≤ AVDD = VDD ≤ 5.5 V, AVSS = VSS = 0 V)
Items
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input leakage
current, high
ILIH1
P01 to P07, P10 to P17, P30 to P32,
P35 to P37, P40, P43, P44,
P50 to P53, P60, P61, P70 to P77,
P80 to P86, P125 to P127, P137,
RESET
VI = VDD
1µA
ILIH3
P121 to P124 (X1, X2, EXCLK, XT1,
XT2, EXCLKS)
VI = VDD In input port or
external clock input
1µA
In resonator
connection
10
µA
Input leakage
current, low
ILIL1
P01 to P07, P10 to P17, P30 to P32,
P35 to P37, P40, P43, P44,
P50 to P53, P60, P61, P70 to P77,
P80 to P86, P125 to P127, P137,
RESET
VI = VSS
-1
µA
ILIL3
P121 to P124 (X1, X2, EXCLK, XT1,
XT2, EXCLKS)
VI = VSS In input port or
external clock input
-1
µA
In resonator
connection
-10
µA
On-chip pull-up
resistance
RU1
P01 to P07, P10 to P17, P30 to P32,
P35 to P37, P40, P43, P44,
P50 to P53, P70 to P77, P80 to P86,
P125 to P127
VI = VSS or In input port
10
20
100
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com