Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLQP0048KB-B Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # PLQP0048KB-B
Description  RENESAS MCU
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PLQP0048KB-B Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button PLQP0048KB-B Datasheet HTML 10Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 11Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 12Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 13Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 14Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 15Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 16Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 17Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 146 page
background image
RL78/H1D
1. OUTLINE
R01DS0318EJ0111 Rev. 1.11
Page 14 of 143
Mar 22, 2024
1.5.2
64-pin products (R5F11NL)
RTC1HZ
WINDOW
WATCHDOG
TIMER
LOW-SPEED
ON-CHIP
OSCILLATOR
12- BIT INTERVAL
TIMER
REAL-TIME
CLOCK2
BUZZER OUTPUT
PCLBUZ1
CLOCK OUTPUT
CONTROL
1
EVENT LINK
CONTROLLER
BCD
ADJUSTMENT
CRC
SDAA0
SCLA0
SERIAL
INTERFACE IICA0
RAM
MULTIPLIER &
DIVIDER,
MULITIPLY-
ACCUMULATOR
RL78 CPU CORE
CODE
FLASH
MEMORY
DATA
FLASH
MEMORY
SERIAL ARRAY
UNIT1 (2 ch)
RxD2
TxD2
UART2
SCK20
SO20
SI20
CSI20
SCL20
SDA20
IIC20
10bit
A/D CONVERTER
3
ANI8,ANI10,ANI11
PORT 6
P60, P61
2
PORT 7
P70,P71,P76, P77
4
SERIAL ARRAY
UNIT0 (4 ch)
UART1
CSI00
(SPI)
CSI10
IIC00
IIC10
RxD0
TxD0
RxD1
TxD1
SCK00
SI00
SO00
SCK10
SI10
SO10
SCL00
SDA00
SCL10
SDA10
PORT 0
P03,P05,P06,P07
4
LCD
CONTROLLER/
DRIVER
RAM SPACE
FOR LCD DATA
SEG0 to SEG3, SEG5 to
SEG9, SEG14 to SEG21,
SEG24, SEG26 to SEG34
27
8
COM0 to COM7
VL1 to VL4
CAPH
CAPL
TOOLRxD,
TOOLTxD
PORT 1
P10 to P15
PORT 3
P30 to P32,
P35 to P37
6
PORT 4
P40
1
PORT 5
P50 to P52
3
PORT 12
P121 to P124
4
P125 to P127
3
P137
PORT 13
POWER ON
RESET/
VOLTAGE
DETECTOR
POR/LVD
CONTROL
RESET CONTROL
TOOL0
ON-CHIP DEBUG
VOLTAGE
REGULATOR
REGC
INTERRUPT
CONTROL
INTP0 to INTP5
6
SYSTEM
CONTROL
HIGH -SPEED
ON -CHIP
OSCILLATOR
RESET
X1
X2/EXCLK
XT1
XT2/EXCLKS
PORT 8
P82, P83
2
TIMER ARRAY
UNIT0 (8 ch)
ch 0
ch 1
ch 2
ch 3
ch 4
ch 5
ch 6
ch 7
TI01/TO01
TI02/TO02
TI03/TO03
TI04/TO04
TI05/TO05
TI06/TO06
TI07/TO07
UART0
8-BIT INTERVAL
TIMER UNIT0(2ch)
ch 00
ch 01
DATA TRANSFER
CONTROL
INT
6
TI00
TO00
SSI00
AFE
Voltage
Regulator
REGA
Sensor Bias
SBI AS
AMP0N / AMP0P
AMP2O
AMP1O
AMP1N / AMP1P / AMP0P
AMP0O
AMP2N / AMP2P / AMP1P
PGA1O
OPAMP (3ch)
PGA10P / PGA00P / AMP1P
PGA10N / PGA00N / AMP2P
D/A converter (2c h)
AVDD
AVSS
Input
Mux
AMP0
AMP1
AMP2
DAC0
Delt a-Sigma
A/D converter
(24bit )
PGA0
Input
Mux
DAC1
(8bit R-2R)
(1 2b it R -2R )
Input
Mux
PGA1
(PGA0)
(PGA 1)
(AMP)
VSS
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com