Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLQP0048KB-B Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # PLQP0048KB-B
Description  RENESAS MCU
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PLQP0048KB-B Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button PLQP0048KB-B Datasheet HTML 29Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 30Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 31Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 32Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 33Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 34Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 35Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 36Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 146 page
background image
RL78/H1D
2. ELECTRICAL SPECIFICATIONS (R5F11N, R5F11P) (A: TA = -40 to +85°C)
R01DS0318EJ0111 Rev. 1.11
Page 33 of 143
Mar 22, 2024
Note 1.
Total current flowing into VDD, including the input leakage current flowing when the level of the input pin is fixed to VDD or
VSS. The following points apply in the HS (high-speed main) mode.
•The currents in the “TYP.” column do not include the operating currents of the peripheral modules.
•The currents in the “MAX.” column include the operating currents of the peripheral modules, except for those flowing into
the LCD controller/driver, A/D converter, LVD circuit, I/O port, and on-chip pull-up/pull-down resistors, and those flowing
while the data flash memory is being rewritten.
In the subsystem clock operation, the currents in both the “TYP.” and “MAX.” columns do not include the operating
currents of the peripheral modules. However, in HALT mode, including the current flowing into the real-time clock 2. In the
STOP mode, the currents in both the “TYP.” and “MAX.” columns do not include the operating currents of the peripheral
modules. The current flowing into AFE is not included.
Note 2.
During HALT instruction execution by flash memory.
Note 3.
When high-speed on-chip oscillator and subsystem clock are stopped.
Note 4.
When high-speed system clock and subsystem clock are stopped.
Note 5.
When high-speed on-chip oscillator and high-speed system clock are stopped. When RTCLPC = 1 and setting ultra-low
current consumption (AMPHS1 = 1).
Note 6.
Relationship between operation voltage width, operation frequency of CPU and operation mode is as below.
HS (high-speed main) mode:
2.7 V
≤ VDD ≤ 5.5 V@1 MHz to 24 MHz
2.4 V
≤ VDD ≤ 5.5 V@1 MHz to 16 MHz
Note 7.
Regarding the value for current to operate the subsystem clock in STOP mode, refer to that in HALT mode.
Note 8.
IDD2 and IDD3 do not include the current flowing to the AFE.
The current value of the RL78 microcontrollers is the sum of IDD1, IDD2, or IDD3 and AFE current (AVDD systems) when
the AFE operates in the operating mode, HALT mode, or STOP mode.
Remark 1. fMX:
High-speed system clock frequency (X1 clock oscillation frequency or external main system clock frequency)
Remark 2. fIH:
High-speed on-chip oscillator clock frequency
Remark 3. fSUB:
Subsystem clock frequency (XT1 clock oscillation frequency)
Remark 4. Except subsystem clock operation, temperature condition of the TYP. value is TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com