Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLQP0048KB-B Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # PLQP0048KB-B
Description  RENESAS MCU
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PLQP0048KB-B Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button PLQP0048KB-B Datasheet HTML 93Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 94Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 95Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 96Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 97Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 98Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 99Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 100Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 146 page
background image
RL78/H1D
3. ELECTRICAL SPECIFICATIONS (R5F11R) (D: TA = -40 to +85°C)
R01DS0318EJ0111 Rev. 1.11
Page 97 of 143
Mar 22, 2024
(Notes and Remarks are listed on the next page.)
(TA = -40 to +85°C, 1.8 V
≤ AVDD = VDD ≤ 5.5 V, AVSS = VSS = 0 V)
Parameter
Symbol
Conditions
MIN. TYP.
MAX. Unit
LCD operating current
ILCD1
Notes 12, 13
External
resistance
division
method
fLCD = fSUB
(32.768 kHz)
LCD clock =
128 Hz
1/3 bias
4-time slice
VDD = 5.0 V
VL4 = 5.0 V
0.04
0.20
µA
fLCD = fSUB
(38.4 kHz)
LCD clock =
75 Hz
0.08
0.40
ILCD2 Note 12
Internal
voltage
boosting
method
fLCD = fSUB
(32.768 kHz)
LCD clock =
128 Hz
1/3 bias
4-time slice
VDD = 3.0 V
VL4 = 3.0 V
(VLCD = 04H)
0.85
2.20
µA
fLCD = fSUB
(38.4 kHz)
LCD clock =
75 Hz
0.50
2.20
fLCD = fSUB
(32.768 kHz)
LCD clock =
128 Hz
VDD = 5.0 V
VL4 = 5.1 V
(VLCD = 12H)
1.55
3.70
µA
fLCD = fSUB
(38.4 kHz)
LCD clock =
75 Hz
0.91
3.70
ILCD3 Note 12
Capacitor
split method
fLCD = fSUB
(32.768 kHz)
LCD clock =
128 Hz
1/3 bias
4-time slice
VDD = 3.0 V
VL4 = 3.0 V
0.20
0.50
µA
fLCD = fSUB
(38.4 kHz)
LCD clock =
75 Hz
0.13
0.50
Operating currents of the
meter-dedicated macro
ITMRJ Note 15
fSUB = 38.4 kHz, fMAIN stopped, per unit
0.10
µA
IUARTMG Note 15 fSUB = 38.4 kHz, fMAIN stopped
0.12
µA
ISMOTD Note 15
fSUB = 38.4 kHz, fMAIN stopped
0.10
µA
IEXSD Note 15
fSUB = 38.4 kHz, fMAIN stopped
0.02
µA
(2/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com