Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLQP0048KB-B Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # PLQP0048KB-B
Description  RENESAS MCU
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PLQP0048KB-B Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button PLQP0048KB-B Datasheet HTML 17Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 18Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 19Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 20Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 21Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 22Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 23Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 24Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 146 page
background image
RL78/H1D
2. ELECTRICAL SPECIFICATIONS (R5F11N, R5F11P) (A: TA = -40 to +85°C)
R01DS0318EJ0111 Rev. 1.11
Page 21 of 143
Mar 22, 2024
2.1
Absolute Maximum Ratings
Note 1.
Connect the REGC pin to VSS via a capacitor (0.47 to 1 µF). This value regulates the absolute maximum rating of the
REGC pin. Do not use this pin with voltage applied to it.
Note 2.
Connect the REGA pin to AVSS via a capacitor (0.22
μF). This value regulates the absolute maximum rating of the REGA
pin. Do not use this pin with voltage applied to it.
Note 3.
Must be 6.5 V or lower.
Caution
Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any parameter.
That is, the absolute maximum ratings are rated values at which the product is on the verge of suffering physical
damage, and therefore the product must be used under conditions that ensure that the absolute maximum
ratings are not exceeded.
Remark 1. Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the port pins.
Remark 2. The reference voltage is VSS (for the VDD systems) = AVSS (for the AVDD systems)
Absolute Maximum Ratings
(1/3)
Parameter
Symbols
Conditions
Ratings
Unit
Supply voltage
VDD
-0.5 to +6.5
V
AVDD
AVDD = VDD
-0.5 to +6.5
V
AVSS
AVSS = VSS
-0.5 to +0.3
V
REGC pin input voltage
VIREGC
REGC
-0.3 to +2.8
and -0.3 to VDD + 0.3 Note 1
V
REGA pin input voltage
VIREGA
REGA
-0.3 to +2.8
and -0.3 to AVDD + 0.3 Note 2
V
Input voltage
VI1
P01 to P07, P10 to P17, P30 to P32, P35 to P37,
P40, P43, P44, P50 to P53, P70 to P77,
P80 to P86, P121 to P124, P125 to P127, P137,
EXCLK, EXCLKS, RESET
-0.3 to VDD + 0.3 Note 3
V
VI2
P60, P61 (N-ch open-drain)
-0.3 to +6.5
V
Output voltage
VO1
P01 to P07, P10 to P17, P30 to P32, P35 to P37,
P40, P43, P44, P50 to P53, P60, P61,
P70 to P77, P80 to P86, P125 to P127
-0.3 to VDD + 0.3 Note 3
V
Analog input voltage
VAI1
ANI8 to ANI11
-0.3 to VDD + 0.3 Note 3
V
VAI2
ANI12 to ANI14
PGA00P, PGA01P, PGA10P, PGA11P,
PGA00N, PGA01N, PGA10N, PGA11N,
AMP0P to AMP2P, AMP0N to AMP2N
-0.3 to AVDD + 0.3 Note 3
V
Analog output voltage
VOA
SBIAS, PGA1O, AMP0O to AMP2O
-0.3 to AVDD + 0.3 Note 3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com