Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLQP0048KB-B Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # PLQP0048KB-B
Description  RENESAS MCU
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PLQP0048KB-B Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button PLQP0048KB-B Datasheet HTML 9Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 10Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 11Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 12Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 13Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 14Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 15Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 16Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 146 page
background image
RL78/H1D
1. OUTLINE
R01DS0318EJ0111 Rev. 1.11
Page 13 of 143
Mar 22, 2024
1.5
Block Diagram
1.5.1
80-pin products (R5F11NM)
RTC1HZ
WINDOW
WATCHDOG
TIMER
LOW-SPEED
ON-CHIP
OSCILLATOR
12- BIT INTERVAL
TIMER
REAL -TIME
CLOCK2
BUZZER OUTPUT
PCLBUZ0,
PCLBUZ1
CLOCK OUTPUT
CONTROL
2
EVENT LINK
CONTROLLER
BCD
ADJUSTMENT
CRC
SDAA0
SCLA0
SERIAL
INTERFACE IICA0
RAM
MULTIPLIER &
DIVIDER,
MULITIPLY-
ACCUMULATOR
RL78 CPU CORE
CODE
FLASH
MEMORY
DATA
FLASH
MEMORY
SERIAL ARRAY
UNIT1 (2 ch)
RxD2
TxD2
UART2
SCK20
SO20
SI20
CSI 20
SCL20
SDA20
IIC20
3
ANI12 to ANI14
PORT 6
P60, P61
2
PORT 7
P70 to P77
8
SERIAL ARRAY
UNIT0 (4 ch)
UART1
CSI00
(SPI)
CSI 10
IIC00
IIC10
RxD0
TxD0
RxD1
TxD1
SCK00
SI00
SO00
SCK10
SI10
SO10
SCL00
SDA00
SCL10
SDA10
PORT 0
P01 to P07
7
LCD
CONTROLLER/
DRIVER
RAM SPACE
FOR LCD DATA
SEG 0 to SEG35
36
8
COM0 to COM7
VL1 to VL4
CAPH
CAPL
TOOLRxD,
TOOLTxD
PORT 1
P10 to P17
PORT 3
P30 to P32,
P35 to P37
6
PORT 4
P40, P43, P44
3
PORT 5
P50 to P53
4
PORT 12
P121 to P124
4
P125 to P127
3
P137
PORT 13
POWER ON
RESET/
VOLTAGE
DETECTOR
POR/LVD
CONTROL
RESET CONTROL
TOOL0
ON -CHIP DEBUG
VOLTAGE
REGULATOR
REGC
INTERRUPT
CONTROL
INTP0 to INTP7
8
SYSTEM
CONTROL
HIGH-SPEED
ON-CHIP
OSCILLATOR
RESET
X1
X2/EXCLK
XT1
XT2/EXCLKS
PORT 8
P80 to P86
7
TIMER ARRAY
UNIT0 (8 ch)
ch 0
ch 1
ch 2
ch 3
ch 4
ch 5
ch 6
ch 7
TI01/TO01
TI02/TO02
TI03/TO03
TI04/TO04
TI05/TO05
TI06/TO06
TI07/TO07
UART0
SSI00
8-BIT INTERVAL
TIMER UNIT0(2ch)
ch 00
ch 01
DATA TRANSFER
CONTROL
INT
8
10bit
A/D CONVERTER
TI00
TO00
AFE
Volt age
Regulator
REGA
Sensor Bias
SBI AS
AMP0N /AMP0P
AMP0O
OPAMP (1ch)
PGA00P
PGA00N
D/A convert er ( 1ch)
AVDD
AVSS
Input
Mux
AM P0
DAC0
Delta-Sigma
A/D converter
(24bit)
PGA0
Input
Mux
( 8bit R-2R )
(PGA0)
(AMP)
AMP0P
VSS
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com