Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLQP0048KB-B Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # PLQP0048KB-B
Description  RENESAS MCU
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PLQP0048KB-B Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button PLQP0048KB-B Datasheet HTML 87Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 88Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 89Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 90Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 91Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 92Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 93Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 94Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 146 page
background image
RL78/H1D
3. ELECTRICAL SPECIFICATIONS (R5F11R) (D: TA = -40 to +85°C)
R01DS0318EJ0111 Rev. 1.11
Page 91 of 143
Mar 22, 2024
Remark
Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the port pins.
(TA = -40 to +85°C, 1.8 V
≤ AVDD = VDD ≤ 5.5 V, AVSS = VSS = 0 V)
(5/5)
Item
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input leakage
current, high
ILIH1
P01 to P07, P10 to P17, P30 to
P32, P35 to P37, P40, P43, P44,
P50 to P53, P60, P61, P70 to
P77, P80 to P86, P125 to P127,
P137, RESET
VI = VDD
1µA
ILIH2
P20 to P27, P150, P151
VI = AVDD
1µA
ILIH3
P121 to P124 (X1, X2, EXCLK,
XT1, XT2, EXCLKS)
VI = VDD
In input port mode or
when using external
clock input
1µA
When a resonator is
connected
10
µA
Input leakage
current, low
ILIL1
P01 to P07, P10 to P17, P30 to
P32, P35 to P37, P40, P43, P44,
P50 to P53, P60, P61, P70 to
P77, P80 to P86, P125 to P127,
P137, RESET
VI = VSS
-1
µA
ILIL2
P20 to P27, P150, P151
VI = AVSS
-1
µA
ILIL3
P121 to P124 (X1, X2, EXCLK,
XT1, XT2, EXCLKS)
VI = VSS
In input port mode or
when using external
clock input
-1
µA
When a resonator is
connected
-10
µA
On-chip pull-up
resistance
RU1
P01 to P07, P10 to P16, P30 to
P32, P35 to P37, P50 to P53, P70
to P77, P125 to P127
VI = VSS,
in input
port
mode
2.4 V
≤ VDD ≤ 5.5 V
10
20
100
k
Ω
1.8 V
≤ VDD < 2.4 V
10
30
100
k
Ω
RU2
P17, P40, P43, P44, P80 to P86,
VI = VSS, in input port mode
10
20
100
k
Ω
RU3
P20 to P27, P150 and P151
VI = AVSS, in input port mode
10
20
100
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com