Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLQP0048KB-B Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # PLQP0048KB-B
Description  RENESAS MCU
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PLQP0048KB-B Datasheet(HTML) 2 Page - Renesas Technology Corp

  PLQP0048KB-B Datasheet HTML 1Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 2Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 3Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 4Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 5Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 6Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 7Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 8Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 146 page
background image
RL78/H1D
1. OUTLINE
R01DS0318EJ0111 Rev. 1.11
Page 2 of 143
Mar 22, 2024
Serial interfaces
•
Simplified SPI(CSI Note 3)/Simplified
SPI(CSI)(SPI supported): 3 channels
• UART/UART (LIN-bus supported):3 channels
•I2C/simplified I2C: 4 channels
• Serial interface UARTMG (9600 bps @ 38.4
kHz): 1 channel (R5F11R only)
Timers
• 16-bit timer:
Timer array unit (TAU): 8 channels,
Timer RJ: 2 channels (R5F11R only)
• 8-bit timer:2 channelsNote 1, 6 channelsNote 2
• 12-bit interval timer: 1 channel
• Real-time clock 2: 1 channel (calendar for 99
years, alarm function, and clock correction
function)
• Watchdog timer: 1 channel (operable with the
dedicated low-speed on-chip oscillator)
• External signal sampler: 1 channel (R5F11R
only)
• Sampling output timer detector (SMOTD):
6 channels for input, 3 channels for output
(R5F11R only)
LCD controller/driver
• Internal voltage boosting method, capacitor
split method, and external resistance division
method are switchable.
• Segment signal output:
27 (23) to 36 (32) Note 4
• Common signal output: 4 (8) Note 4
Analog front-end power supply circuit
(R5F11N and R5F11P only)
• AFE reference power supply (ABGR)
• LDO for supplying power to internal circuits
(REGA)
• LDO for supplying power to a sensor
(SBIAS): 0.5 to 2.2 V
24-bit
ΔΣ A/D converter with programmable gain
instrumentation amplifier (R5F11N and R5F11P
only)
• 24-bit second-order
ΔΣ A/D converter (AVDD
= 2.7 to 5.5 V)
- SNDR: 85 dB (TYP.)
- Output data rate: 488 sps to 15.625 ksps in
normal mode
61 sps to 1.953 ksps in low power mode
• Programmable gain instrumentation amplifier
(PGA0)
- Analog input: 1 to 5 channels (differential
input mode or single-ended input mode)
- D/A converter for offset adjustment
- Variable gain: x1 to x64
Amplifier unit (R5F11N and R5F11P only)
• Programmable gain instrumentation amplifier
(PGA1): 1 channel (R5F11NL, R5F11PL, and
R5F11NG only)
- Analog input: 1 or 2 channels
- Variable gain: x12, x16, x20, x24
• Rail-to-rail operational amplifier (AMP0): 1
channel
• General-purpose operational amplifier
(AMP1, AMP2): 2 channels (R5F11NL,
R5F11PL, and R5F11NG only)
D/A converter (R5F11N and R5F11P only)
• 8-bit resolution R-2R resistor ladder D/A
converter (DAC0) (AVDD = 2.7 to 5.5 V):
1 channel
• 12-bit resolution R-2R resistor ladder D/A
converter (DAC1) (AVDD = 2.7 to 5.5 V):
1 channel (R5F11NL, R5F11PL, and
R5F11NG only)
10-bit SAR A/D converter
• 10-bit resolution A/D converter (VDD = 2.4 to
5.5 VNote 1, VDD = 1.8 to 5.5 VNote 2)
• Analog input: 3 channels
• Internal reference voltage (TYP. 1.45 V) Note 5
and temperature sensor Note 5
I/O ports
• I/O ports: 29 to 63 (N-ch open drain I/O
[withstand voltage of 6 V]: 2)
• Can be set to N-ch open drain, TTL input
buffer, and on-chip pull-up resistor
• On-chip clock output/buzzer output controller
Others
• On-chip BCD (binary-coded decimal)
correction circuit
Note 1.
In case of R5F11N and R5F11P.
Note 2.
In case of R5F11R.
Note 3.
Although the CSI function is generally
called SPI, it is also called CSI in this
product, so it is referred to as such in
this manual.
Note 4.
The number in parentheses indicates
the number of signal outputs when 8
coms are used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com