Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLQP0048KB-B Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # PLQP0048KB-B
Description  RENESAS MCU
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PLQP0048KB-B Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button PLQP0048KB-B Datasheet HTML 28Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 29Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 30Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 31Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 32Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 33Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 34Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 35Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 146 page
background image
RL78/H1D
2. ELECTRICAL SPECIFICATIONS (R5F11N, R5F11P) (A: TA = -40 to +85°C)
R01DS0318EJ0111 Rev. 1.11
Page 32 of 143
Mar 22, 2024
(Notes and Remarks are listed on the next page.)
(TA = -40 to +85°C, 2.4 V
≤ AVDD = VDD ≤ 5.5 V, AVSS = VSS = 0 V)
(2/2)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Supply
current
Notes 1, Note 8
IDD2
Note 2
HALT mode
HS (high-speed main)
mode Note 6
fIH = 24 MHz Note 4
VDD = 5.0 V
0.42
1.83
mA
VDD = 3.0 V
0.42
1.83
fIH = 16 MHz Note 4
VDD = 5.0 V
0.39
1.38
VDD = 3.0 V
0.39
1.38
HS (high-speed main)
mode Note 6
fMX = 20 MHz Note 3,
VDD = 5.0 V
Square wave input
0.26
1.55
mA
Resonator connection
0.40
1.68
fMX = 20 MHz Note 3,
VDD = 3.0 V
Square wave input
0.25
1.55
Resonator connection
0.40
1.68
fMX = 16 MHz Note 3,
VDD = 5.0 V
Square wave input
0.23
1.22
Resonator connection
0.36
1.39
fMX = 16 MHz Note 3,
VDD = 3.0 V
Square wave input
0.22
1.22
Resonator connection
0.35
1.39
fMX = 10 MHz Note 3,
VDD = 5.0 V
Square wave input
0.19
0.82
Resonator connection
0.29
0.90
fMX = 10 MHz Note 3,
VDD = 3.0 V
Square wave input
0.18
0.82
Resonator connection
0.28
0.90
Subsystem clock
operation
fSUB = 32.768 kHz Note 5
TA = -40°C
Square wave input
0.32
0.69
µA
Resonator connection
0.51
0.89
fSUB = 32.768 kHz Note 5
TA = +25°C
Square wave input
0.41
0.82
Resonator connection
0.62
1.00
fSUB = 32.768 kHz Note 5
TA = +50°C
Square wave input
0.52
1.40
Resonator connection
0.75
1.60
fSUB = 32.768 kHz Note 5
TA = +70°C
Square wave input
0.82
2.70
Resonator connection
1.08
2.90
fSUB = 32.768 kHz Note 5
TA = +85°C
Square wave input
1.38
4.95
Resonator connection
1.62
5.15
IDD3
STOP mode
Note 7
TA = -40°C
0.20
0.59
µA
TA = +25°C
0.26
0.72
TA = +50°C
0.33
1.30
TA = +70°C
0.53
2.60
TA = +85°C
0.93
4.85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com