Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S7G2 Datasheet(PDF) 101 Page - Renesas Technology Corp

Part # S7G2
Description  S7G2 Microcontroller Group
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S7G2 Datasheet(HTML) 101 Page - Renesas Technology Corp

Back Button S7G2 Datasheet HTML 97Page - Renesas Technology Corp S7G2 Datasheet HTML 98Page - Renesas Technology Corp S7G2 Datasheet HTML 99Page - Renesas Technology Corp S7G2 Datasheet HTML 100Page - Renesas Technology Corp S7G2 Datasheet HTML 101Page - Renesas Technology Corp S7G2 Datasheet HTML 102Page - Renesas Technology Corp S7G2 Datasheet HTML 103Page - Renesas Technology Corp S7G2 Datasheet HTML 104Page - Renesas Technology Corp S7G2 Datasheet HTML 105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 117 page
background image
R01DS0262EU0150 Rev.1.50
Page 101 of 117
Sep 24, 2025
S7G2 Datasheet
2. Electrical Characteristics
2.11
CTSU Characteristics
2.12
Comparator Characteristics
Note 1. This value is the internal propagation delay.
2.13
PGA Characteristics
Table 2.49
CTSU characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
External capacitance connected to TSCAP pin
Ctscap
910
11
nF
-
TS pin capacitive load
Cbase
--50
pF
-
Permissible output high current
ΣIoH
-
-
-40
mA
When the mutual
capacitance method
is applied
Table 2.50
ACMPHS characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Reference voltage range
VREF
0
-
AVCC0
V
-
Input voltage range
VI
0
-
AVCC0
V
-
Internal reference voltage
-
1.20
1.25
1.30
V
-
Output delay*1
Td
-
50
100
ns
VI = VREF ± 100 mV
Table 2.51
PGA characteristics in single mode (1 of 2)
Parameter
Symbol
Min
Typ
Max
Unit
PGAVSS input voltage range
PGAVSS
0
-
0
V
AIN0 (G = 2.000)
0.050 × AVCC0
-
0.45 × AVCC0
V
AIN1 (G = 2.500)
0.047 × AVCC0
-
0.360 × AVCC0
V
AIN2 (G = 2.667)
0.046 × AVCC0
-
0.337 × AVCC0
V
AIN3 (G = 2.857)
0.046 × AVCC0
-
0.32 × AVCC0
V
AIN4 (G = 3.077)
0.045 × AVCC0
-
0.292 × AVCC0
V
AIN5 (G = 3.333)
0.044 × AVCC0
-
0.265 × AVCC0
V
AIN6 (G = 3.636)
0.042 × AVCC0
-
0.247 × AVCC0
V
AIN7 (G = 4.000)
0.040 × AVCC0
-
0.212 × AVCC0
V
AIN8 (G = 4.444)
0.036 × AVCC0
-
0.191 × AVCC0
V
AIN9 (G = 5.000)
0.033 × AVCC0
-
0.17 × AVCC0
V
AIN10 (G = 5.714)
0.031 × AVCC0
-
0.148 × AVCC0
V
AIN11 (G = 6.667)
0.029 × AVCC0
-
0.127 × AVCC0
V
AIN12 (G = 8.000)
0.027 × AVCC0
-
0.09 × AVCC0
V
AIN13 (G = 10.000)
0.025 × AVCC0
-
0.08 × AVCC0
V
AIN14 (G = 13.333)
0.023 × AVCC0
-
0.06 × AVCC0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com