Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S7G2 Datasheet(PDF) 102 Page - Renesas Technology Corp

Part # S7G2
Description  S7G2 Microcontroller Group
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S7G2 Datasheet(HTML) 102 Page - Renesas Technology Corp

Back Button S7G2 Datasheet HTML 98Page - Renesas Technology Corp S7G2 Datasheet HTML 99Page - Renesas Technology Corp S7G2 Datasheet HTML 100Page - Renesas Technology Corp S7G2 Datasheet HTML 101Page - Renesas Technology Corp S7G2 Datasheet HTML 102Page - Renesas Technology Corp S7G2 Datasheet HTML 103Page - Renesas Technology Corp S7G2 Datasheet HTML 104Page - Renesas Technology Corp S7G2 Datasheet HTML 105Page - Renesas Technology Corp S7G2 Datasheet HTML 106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 117 page
background image
R01DS0262EU0150 Rev.1.50
Page 102 of 117
Sep 24, 2025
S7G2 Datasheet
2. Electrical Characteristics
2.14
Flash Memory Characteristics
2.14.1
Code Flash Memory Characteristics
Gain error
Gerr0 (G = 2.000)
-1.0
-
1.0
%
Gerr1 (G = 2.500)
-1.0
-
1.0
%
Gerr2 (G = 2.667)
-1.0
-
1.0
%
Gerr3 (G = 2.857)
-1.0
-
1.0
%
Gerr4 (G = 3.077)
-1.0
-
1.0
%
Gerr5 (G = 3.333)
-1.5
-
1.5
%
Gerr6 (G = 3.636)
-1.5
-
1.5
%
Gerr7 (G = 4.000)
-1.5
-
1.5
%
Gerr8 (G = 4.444)
-2.0
-
2.0
%
Gerr9 (G = 5.000)
-2.0
-
2.0
%
Gerr10 (G = 5.714)
-2.0
-
2.0
%
Gerr11 (G = 6.667)
-2.0
-
2.0
%
Gerr12 (G = 8.000)
-2.0
-
2.0
%
Gerr13 (G = 10.000)
-2.0
-
2.0
%
Gerr14 (G = 13.333)
-2.0
-
2.0
%
Offset error
Voff
-8
-
8
mV
Table 2.52
PGA characteristics in differential mode
Parameter
Symbol
Min
Typ
Max
Unit
PGAVSS input voltage range
PGAVSS
-0.3
-
0.3
V
Differential input voltage range (G = 1.500)
AIN-PGAVSS
-0.5
-
0.5
V
Input voltage range (G = 2.333)
-0.4
-
0.4
V
Input voltage range (G = 4.000)
-0.2
-
0.2
V
Input voltage range (G = 5.667)
-0.15
-
0.15
V
Gain error
G = 1.500
Gerr
-2.5
-
2.5
%
G = 2.333
-2
-
2
G = 4.000
-1
-
1
G = 5.667
-1
-
1
Table 2.53
Code flash memory characteristics (1 of 2)
Conditions: Program or erase: FCLK = 4 to 60 MHz
Read: FCLK ≤ 60 MHz
Parameter
Symbol
FCLK = 4 MHz
20 MHz ≤ FCLK ≤ 60 MHz
Unit
Min
Typ
Max
Min
Typ
Max
Programming time
NPEC  100 times
256-byte
tP256
-
0.9
13.2
-
0.4
6
ms
8-KB
tP8K
-29
176
-13
80
ms
32-KB
tP32K
-
116
704
-
52
320
ms
Programming time
NPEC > 100 times
256-byte
tP256
-
1.1
15.8
-
0.5
7.2
ms
8-KB
tP8K
-35
212
-16
96
ms
32-KB
tP32K
-
140
848
-
64
384
ms
Erasure time
NPEC  100 times
8-KB
tE8K
-
71
216
-
39
120
ms
32-KB
tE32K
-
254
864
-
141
480
ms
Table 2.51
PGA characteristics in single mode (2 of 2)
Parameter
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com