Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QFAA-R7 Datasheet(PDF) 381 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R7
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R7 Datasheet(HTML) 381 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R7 Datasheet HTML 377Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 378Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 379Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 380Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 381Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 382Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 383Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 384Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 385Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 381 / 483 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW LIST
List type
Disabled
0
Disable EasyDMA list
ArrayList
1
Use array list
6.18.5.17 CONFIG
Address offset: 0x554
Configuration register
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
C B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW ORDER
Bit order
MsbFirst
0
Most significant bit shifted out first
LsbFirst
1
Least significant bit shifted out first
B
RW CPHA
Serial clock (SCK) phase
Leading
0
Sample on leading edge of clock, shift serial data on trailing
edge
Trailing
1
Sample on trailing edge of clock, shift serial data on leading
edge
C
RW CPOL
Serial clock (SCK) polarity
ActiveHigh
0
Active high
ActiveLow
1
Active low
6.18.5.18 ORC
Address offset: 0x5C0
Over-read character. Character clocked out in case and over-read of the TXD buffer.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW ORC
Over-read character. Character clocked out in case and over-
read of the TXD buffer.
6.18.6 Electrical specification
6.18.6.1 SPIM master interface electrical specifications
Symbol
Description
Min.
Typ.
Max.
Units
fSPIM
Bit rates for SPIM23
824
Mbps
tSPIM,START
Time from START task to transmission started
..
..
..
µs
23 High bit rates may require GPIOs to be set as High Drive, see GPIO chapter for more details.
24 The actual maximum data rate depends on the slave's CLK to MISO and MOSI setup and hold timings.
4430_161 v1.0
381



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com