Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QFAA-R7 Datasheet(PDF) 91 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R7
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R7 Datasheet(HTML) 91 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R7 Datasheet HTML 87Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 88Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 89Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 90Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 91Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 92Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 93Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 94Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 95Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 483 page
background image
Power and clock management
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
B
A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
R
SRC
Source of LFCLK
RC
0
32.768 kHz RC oscillator
Xtal
1
32.768 kHz crystal oscillator
Synth
2
32.768 kHz synthesized from HFCLK
B
R
STATE
LFCLK state
NotRunning
0
LFCLK not running
Running
1
LFCLK running
5.4.3.7 LFCLKSRCCOPY
Address offset: 0x41C
Copy of LFCLKSRC register, set when LFCLKSTART task was triggered
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
R
SRC
Clock source
RC
0
32.768 kHz RC oscillator
Xtal
1
32.768 kHz crystal oscillator
Synth
2
32.768 kHz synthesized from HFCLK
5.4.3.8 LFCLKSRC
Address offset: 0x518
Clock source for the LFCLK
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
C B
A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW SRC
Clock source
RC
0
32.768 kHz RC oscillator
Xtal
1
32.768 kHz crystal oscillator
Synth
2
32.768 kHz synthesized from HFCLK
B
RW BYPASS
Enable or disable bypass of LFCLK crystal oscillator with
external clock source
Disabled
0
Disable (use with Xtal or low-swing external source)
Enabled
1
Enable (use with rail-to-rail external source)
C
RW EXTERNAL
Enable or disable external source for LFCLK
Disabled
0
Disable external source (use with Xtal)
Enabled
1
Enable use of external source instead of Xtal (SRC needs to
be set to Xtal)
5.4.3.9 CTIV ( Retained )
Address offset: 0x538
This register is a retained register
4430_161 v1.0
91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com