Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QFAA-R7 Datasheet(PDF) 82 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R7
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R7 Datasheet(HTML) 82 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R7 Datasheet HTML 78Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 79Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 80Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 81Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 82Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 83Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 84Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 85Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 86Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 483 page
background image
Power and clock management
RAM7 power control set register
When read, this register will return the value of the POWER register.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
D C
B A
Reset 0x0000FFFF
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
Id
RW Field
Value Id
Value
Description
A
W S0POWER
Keep RAM section S0 of RAM7 on or off in System ON mode
On
1
On
B
W S1POWER
Keep RAM section S1 of RAM7 on or off in System ON mode
On
1
On
C
W S0RETENTION
Keep retention on RAM section S0 when RAM section is
switched off
On
1
On
D
W S1RETENTION
Keep retention on RAM section S1 when RAM section is
switched off
On
1
On
5.3.9.32 RAM[7].POWERCLR
Address offset: 0x978
RAM7 power control clear register
When read, this register will return the value of the POWER register.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
D C
B A
Reset 0x0000FFFF
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
Id
RW Field
Value Id
Value
Description
A
W S0POWER
Keep RAM section S0 of RAM7 on or off in System ON mode
Off
1
Off
B
W S1POWER
Keep RAM section S1 of RAM7 on or off in System ON mode
Off
1
Off
C
W S0RETENTION
Keep retention on RAM section S0 when RAM section is
switched off
Off
1
Off
D
W S1RETENTION
Keep retention on RAM section S1 when RAM section is
switched off
Off
1
Off
5.3.10 Electrical specification
5.3.10.1 Device startup times
Symbol
Description
Min.
Typ.
Max.
Units
tPOR
Time in Power on Reset after VDD reaches 1.7 V for all
supply voltages and temperatures. Dependent on supply rise
time. 9
tPOR,10us
VDD rise time 10us
1
ms
9 A step increase in supply voltage of 300 mV or more, with rise time of 300 ms or less, within the valid
supply range, may result in a system reset.
4430_161 v1.0
82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com