Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QFAA-R7 Datasheet(PDF) 20 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R7
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R7 Datasheet(HTML) 20 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R7 Datasheet HTML 16Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 17Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 18Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 19Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 20Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 21Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 22Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 23Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 24Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 483 page
background image
Core components
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW WEN
Program memory access mode. It is strongly recommended
to activate erase and write modes only when they are
actively used.
Ren
0
Read only access
Wen
1
Write enabled
Een
2
Erase enabled
4.3.6.3 ERASEPCR1 ( Deprecated )
Address offset: 0x508
Register for erasing a page in code area. Equivalent to ERASEPAGE.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW ERASEPCR1
Register for erasing a page in code area. Equivalent to
ERASEPAGE.
4.3.6.4 ERASEPAGE
Address offset: 0x508
Register for erasing a page in code area
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW ERASEPAGE
Register for starting erase of a page in code area.
The value is the address to the page to be erased (addresses
of first word in page). Note that the erase must be enabled
using CONFIG.WEN before the page can be erased. Attempts
to erase pages that are outside the code area may result in
undesirable behavior, e.g. the wrong page may be erased.
4.3.6.5 ERASEALL
Address offset: 0x50C
Register for erasing all non-volatile user memory
4430_161 v1.0
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com