Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QFAA-R7 Datasheet(PDF) 99 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R7
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R7 Datasheet(HTML) 99 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R7 Datasheet HTML 95Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 96Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 97Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 98Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 99Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 100Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 101Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 102Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 103Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 483 page
background image
Peripherals
Register
Offset
Description
EVENTS_RESOLVED
0x104
Address resolved
EVENTS_NOTRESOLVED 0x108
Address not resolved
INTENSET
0x304
Enable interrupt
INTENCLR
0x308
Disable interrupt
STATUS
0x400
Resolution status
ENABLE
0x500
Enable AAR
NIRK
0x504
Number of IRKs
IRKPTR
0x508
Pointer to IRK data structure
ADDRPTR
0x510
Pointer to the resolvable address
SCRATCHPTR
0x514
Pointer to data area used for temporary storage
Table 21: Register Overview
6.2.5.1 INTENSET
Address offset: 0x304
Enable interrupt
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
C B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW END
Write '1' to Enable interrupt for END event
See EVENTS_END
Set
1
Enable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
B
RW RESOLVED
Write '1' to Enable interrupt for RESOLVED event
See EVENTS_RESOLVED
Set
1
Enable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
C
RW NOTRESOLVED
Write '1' to Enable interrupt for NOTRESOLVED event
See EVENTS_NOTRESOLVED
Set
1
Enable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
6.2.5.2 INTENCLR
Address offset: 0x308
Disable interrupt
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
C B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW END
Write '1' to Disable interrupt for END event
See EVENTS_END
Clear
1
Disable
Disabled
0
Read: Disabled
4430_161 v1.0
99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com