Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QFAA-R7 Datasheet(PDF) 55 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R7
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R7 Datasheet(HTML) 55 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R7 Datasheet HTML 51Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 52Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 53Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 54Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 55Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 56Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 57Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 58Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 59Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 483 page
background image
5 Power and clock management
5.1 Power management unit (PMU)
Power and clock management in nRF52810 is designed to automatically ensure maximum power
efficiency.
The core of the power and clock management system is the power management unit (PMU) illustrated in
Power management unit on page 55.
MCU
Internal
voltage
regulators
External
power sources
External
crystals
Internal
oscillators
PMU
CPU
Memory
Peripheral
Figure 8: Power management unit
The PMU automatically detects which power and clock resources are required by the different
components in the system at any given time. It will then start/stop and choose operation modes in supply
regulators and clock sources, without user interaction, to achieve the lowest power consumption possible.
5.2 Current consumption
As the system is being constantly tuned by the Power management unit (PMU) on page 55,
estimating the current consumption of an application can be challenging if the designer is not able to
perform measurements directly on the hardware. To fascilitate the estimation process, a set of current
consumption scenarios are provided to show the typical current drawn from the VDD supply.
Each scenario specifies a set of operations and conditions applying to the given scenario. Current
consumption scenarios, common conditions on page 56 shows a set of common conditions used in
all scenarios, unless otherwise is stated in the description of a given scenario. All scenarios are listed in
Electrical specification on page 56
4430_161 v1.0
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com