Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QFAA-R7 Datasheet(PDF) 68 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R7
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R7 Datasheet(HTML) 68 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R7 Datasheet HTML 64Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 65Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 66Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 67Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 68Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 69Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 70Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 71Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 72Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 483 page
background image
Power and clock management
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
C B
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
Enabled
1
Read: Enabled
5.3.9.2 INTENCLR
Address offset: 0x308
Disable interrupt
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
C B
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW POFWARN
Write '1' to Disable interrupt for POFWARN event
See EVENTS_POFWARN
Clear
1
Disable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
B
RW SLEEPENTER
Write '1' to Disable interrupt for SLEEPENTER event
See EVENTS_SLEEPENTER
Clear
1
Disable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
C
RW SLEEPEXIT
Write '1' to Disable interrupt for SLEEPEXIT event
See EVENTS_SLEEPEXIT
Clear
1
Disable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
5.3.9.3 RESETREAS
Address offset: 0x400
Reset reason
Unless cleared, the RESETREAS register will be cumulative. A field is cleared by writing '1' to it. If none
of the reset sources are flagged, this indicates that the chip was reset from the on-chip reset generator,
which will indicate a power-on-reset or a brownout reset.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
F
E
D C B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW RESETPIN
Reset from pin-reset detected
NotDetected
0
Not detected
Detected
1
Detected
B
RW DOG
Reset from watchdog detected
NotDetected
0
Not detected
Detected
1
Detected
C
RW SREQ
Reset from soft reset detected
NotDetected
0
Not detected
4430_161 v1.0
68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com