Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QFAA-R7 Datasheet(PDF) 60 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R7
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R7 Datasheet(HTML) 60 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R7 Datasheet HTML 56Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 57Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 58Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 59Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 60Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 61Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 62Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 63Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 64Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 483 page
background image
Power and clock management
5.2.1.4 Compounded
Symbol
Description
Min.
Typ.
Max.
Units
IS0
CPU running CoreMark from flash, Radio transmitting @ 0
dBm output power, 1 Mbps Bluetooth low energy mode,
Clock = HFXO, Regulator = DCDC
7.4
mA
IS1
CPU running CoreMark from flash, Radio receiving @ 1
Mbps Bluetooth low energy mode, Clock = HFXO, Regulator
= DCDC
7.6
mA
IS2
CPU running CoreMark from flash, Radio transmitting @ 0
dBm output power, 1 Mbps Bluetooth low energy mode,
Clock = HFXO
13.8
mA
IS3
CPU running CoreMark from flash, Radio receiving @ 1
Mbps Bluetooth low energy mode, Clock = HFXO
14.2
mA
5.2.1.5 TIMER running
Symbol
Description
Min.
Typ.
Max.
Units
ITIMER0
One TIMER instance running @ 1 MHz, Clock = HFINT
432
µA
ITIMER1
Two TIMER instances running @ 1 MHz, Clock = HFINT
432
µA
ITIMER2
One TIMER instance running @ 1 MHz, Clock = HFXO
730
µA
ITIMER3
One TIMER instance running @ 16 MHz, Clock = HFINT
495
µA
ITIMER4
One TIMER instance running @ 16 MHz, Clock = HFXO
792
µA
5.2.1.6 RNG active
Symbol
Description
Min.
Typ.
Max.
Units
IRNG0
RNG running
539
µA
5.2.1.7 TEMP active
Symbol
Description
Min.
Typ.
Max.
Units
ITEMP0
TEMP started
998
µA
5.2.1.8 SAADC active
Symbol
Description
Min.
Typ.
Max.
Units
ISAADC,RUN
SAADC sampling @ 16 ksps, Acquisition time = 20 µs, Clock =
HFXO, Regulator = DCDC
1.1
mA
5.2.1.9 COMP active
Symbol
Description
Min.
Typ.
Max.
Units
ICOMP,LP
COMP enabled, low power mode
17.2
µA
ICOMP,NORM
COMP enabled, normal mode
21
µA
ICOMP,HS
COMP enabled, high-speed mode
28.7
µA
4430_161 v1.0
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com