Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QFAA-R7 Datasheet(PDF) 22 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R7
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R7 Datasheet(HTML) 22 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R7 Datasheet HTML 18Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 19Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 20Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 21Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 22Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 23Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 24Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 25Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 26Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 483 page
background image
Core components
4.4 FICR — Factory information configuration registers
Factory information configuration registers (FICR) are pre-programmed in factory and cannot be erased by
the user. These registers contain chip-specific information and configuration.
4.4.1 Registers
Base address
Peripheral
Instance
Description
Configuration
0x10000000
FICR
FICR
Factory information configuration
Table 7: Instances
Register
Offset
Description
CODEPAGESIZE
0x010
Code memory page size
CODESIZE
0x014
Code memory size
DEVICEID[0]
0x060
Device identifier
DEVICEID[1]
0x064
Device identifier
ER[0]
0x080
Encryption root, word 0
ER[1]
0x084
Encryption root, word 1
ER[2]
0x088
Encryption root, word 2
ER[3]
0x08C
Encryption root, word 3
IR[0]
0x090
Identity root, word 0
IR[1]
0x094
Identity root, word 1
IR[2]
0x098
Identity root, word 2
IR[3]
0x09C
Identity root, word 3
DEVICEADDRTYPE
0x0A0
Device address type
DEVICEADDR[0]
0x0A4
Device address 0
DEVICEADDR[1]
0x0A8
Device address 1
INFO.PART
0x100
Part code
INFO.VARIANT
0x104
Part variant, hardware version and production configuration
INFO.PACKAGE
0x108
Package option
INFO.RAM
0x10C
RAM variant
INFO.FLASH
0x110
Flash variant
0x114
Reserved
0x118
Reserved
0x11C
Reserved
TEMP.A0
0x404
Slope definition A0
TEMP.A1
0x408
Slope definition A1
TEMP.A2
0x40C
Slope definition A2
TEMP.A3
0x410
Slope definition A3
TEMP.A4
0x414
Slope definition A4
TEMP.A5
0x418
Slope definition A5
TEMP.B0
0x41C
Y-intercept B0
TEMP.B1
0x420
Y-intercept B1
TEMP.B2
0x424
Y-intercept B2
TEMP.B3
0x428
Y-intercept B3
TEMP.B4
0x42C
Y-intercept B4
TEMP.B5
0x430
Y-intercept B5
TEMP.T0
0x434
Segment end T0
TEMP.T1
0x438
Segment end T1
TEMP.T2
0x43C
Segment end T2
TEMP.T3
0x440
Segment end T3
4430_161 v1.0
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com