Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QFAA-R7 Datasheet(PDF) 27 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R7
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R7 Datasheet(HTML) 27 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R7 Datasheet HTML 23Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 24Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 25Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 26Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 27Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 28Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 29Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 30Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 31Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 483 page
background image
Core components
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x00052810
0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 1 0 0 1 0 1 0 0 0 0 0 0 1 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
R
PART
Part code
N52810
0x52810
nRF52810
Unspecified
0xFFFFFFFF
Unspecified
4.4.1.17 INFO.VARIANT
Address offset: 0x104
Part variant, hardware version and production configuration
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0xFFFFFFFF
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
Id
RW Field
Value Id
Value
Description
A
R
VARIANT
Part variant, hardware version and production configuration,
encoded as ASCII
AAAA
0x41414141
AAAA
AAA0
0x41414130
AAA0
AABA
0x41414241
AABA
AABB
0x41414242
AABB
AAB0
0x41414230
AAB0
AACA
0x41414341
AACA
AACB
0x41414342
AACB
AAC0
0x41414330
AAC0
Unspecified
0xFFFFFFFF
Unspecified
4.4.1.18 INFO.PACKAGE
Address offset: 0x108
Package option
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0xFFFFFFFF
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
Id
RW Field
Value Id
Value
Description
A
R
PACKAGE
Package option
QF
0x2000
QFxx - 48-pin QFN
QC
0x2003
QCxx - 32-pin QFN
Unspecified
0xFFFFFFFF
Unspecified
4.4.1.19 INFO.RAM
Address offset: 0x10C
RAM variant
4430_161 v1.0
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com