Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QFAA-R7 Datasheet(PDF) 115 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R7
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R7 Datasheet(HTML) 115 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R7 Datasheet HTML 111Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 112Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 113Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 114Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 115Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 116Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 117Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 118Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 119Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 483 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
C
B B
A
Reset 0x00000001
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1
Id
RW Field
Value Id
Value
Description
A
RW MODE
The mode of operation to be used. The settings in this
register apply whenever either the KSGEN or CRYPT tasks
are triggered.
Encryption
0
AES CCM packet encryption mode
Decryption
1
AES CCM packet decryption mode
B
RW DATARATE
Radio data rate that the CCM shall run synchronous with
1Mbit
0
1 Mbps
2Mbit
1
2 Mbps
125Kbps
2
125 Kbps
500Kbps
3
500 Kbps
C
RW LENGTH
Packet length configuration
Default
0
Default length. Effective length of LENGTH field in
encrypted/decrypted packet is 5 bits. A key-stream for
packet payloads up to 27 bytes will be generated.
Extended
1
Extended length. Effective length of LENGTH field in
encrypted/decrypted packet is 8 bits. A key-stream for
packet payloads up to MAXPACKETSIZE bytes will be
generated.
6.4.9.7 CNFPTR
Address offset: 0x508
Pointer to data structure holding AES key and NONCE vector
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW CNFPTR
Pointer to the data structure holding the AES key and
the CCM NONCE vector (see Table 1 CCM data structure
overview)
6.4.9.8 INPTR
Address offset: 0x50C
Input pointer
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW INPTR
Input pointer
6.4.9.9 OUTPTR
Address offset: 0x510
Output pointer
4430_161 v1.0
115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com