Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QFAA-R7 Datasheet(PDF) 126 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R7
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R7 Datasheet(HTML) 126 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R7 Datasheet HTML 122Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 123Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 124Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 125Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 126Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 127Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 128Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 129Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 130Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 483 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A
Reset 0x00000004
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0
Id
RW Field
Value Id
Value
Description
A
RW REFSEL
Reference select
Int1V2
0
VREF = internal 1.2 V reference (VDD >= 1.7 V)
Int1V8
1
VREF = internal 1.8 V reference (VDD >= VREF + 0.2 V)
Int2V4
2
VREF = internal 2.4 V reference (VDD >= VREF + 0.2 V)
VDD
4
VREF = VDD
ARef
5
VREF = AREF (VDD >= VREF >= AREFMIN)
6.5.3.9 EXTREFSEL
Address offset: 0x50C
External reference select
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW EXTREFSEL
External analog reference select
AnalogReference0
0
Use AIN0 as external analog reference
AnalogReference1
1
Use AIN1 as external analog reference
AnalogReference2
2
Use AIN2 as external analog reference
AnalogReference3
3
Use AIN3 as external analog reference
AnalogReference4
4
Use AIN4 as external analog reference
AnalogReference5
5
Use AIN5 as external analog reference
AnalogReference6
6
Use AIN6 as external analog reference
AnalogReference7
7
Use AIN7 as external analog reference
6.5.3.10 TH
Address offset: 0x530
Threshold configuration for hysteresis unit
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
B B B B B B
A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW THDOWN
[63:0]
VDOWN = (THDOWN+1)/64*VREF
B
RW THUP
[63:0]
VUP = (THUP+1)/64*VREF
6.5.3.11 MODE
Address offset: 0x534
Mode configuration
4430_161 v1.0
126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com