| Electronic Components Datasheet Search |
|
NRF52810-QFAA-R7 Datasheet(PDF) 161 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R7 Datasheet(HTML) 161 Page - Nordic Semiconductor |
|
161 / 483 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id f e d c b a Z Y X W V U T S R Q P O N M L K J I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description NotLatched 0 Criteria has not been met Latched 1 Criteria has been met B RW PIN1 Status on whether PIN1 has met criteria set in PIN_CNF1.SENSE register. Write '1' to clear. NotLatched 0 Criteria has not been met Latched 1 Criteria has been met C RW PIN2 Status on whether PIN2 has met criteria set in PIN_CNF2.SENSE register. Write '1' to clear. NotLatched 0 Criteria has not been met Latched 1 Criteria has been met D RW PIN3 Status on whether PIN3 has met criteria set in PIN_CNF3.SENSE register. Write '1' to clear. NotLatched 0 Criteria has not been met Latched 1 Criteria has been met E RW PIN4 Status on whether PIN4 has met criteria set in PIN_CNF4.SENSE register. Write '1' to clear. NotLatched 0 Criteria has not been met Latched 1 Criteria has been met F RW PIN5 Status on whether PIN5 has met criteria set in PIN_CNF5.SENSE register. Write '1' to clear. NotLatched 0 Criteria has not been met Latched 1 Criteria has been met G RW PIN6 Status on whether PIN6 has met criteria set in PIN_CNF6.SENSE register. Write '1' to clear. NotLatched 0 Criteria has not been met Latched 1 Criteria has been met H RW PIN7 Status on whether PIN7 has met criteria set in PIN_CNF7.SENSE register. Write '1' to clear. NotLatched 0 Criteria has not been met Latched 1 Criteria has been met I RW PIN8 Status on whether PIN8 has met criteria set in PIN_CNF8.SENSE register. Write '1' to clear. NotLatched 0 Criteria has not been met Latched 1 Criteria has been met J RW PIN9 Status on whether PIN9 has met criteria set in PIN_CNF9.SENSE register. Write '1' to clear. NotLatched 0 Criteria has not been met Latched 1 Criteria has been met K RW PIN10 Status on whether PIN10 has met criteria set in PIN_CNF10.SENSE register. Write '1' to clear. NotLatched 0 Criteria has not been met Latched 1 Criteria has been met L RW PIN11 Status on whether PIN11 has met criteria set in PIN_CNF11.SENSE register. Write '1' to clear. NotLatched 0 Criteria has not been met Latched 1 Criteria has been met M RW PIN12 Status on whether PIN12 has met criteria set in PIN_CNF12.SENSE register. Write '1' to clear. NotLatched 0 Criteria has not been met Latched 1 Criteria has been met 4430_161 v1.0 161 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |