Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QFAA-R7 Datasheet(PDF) 219 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R7
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R7 Datasheet(HTML) 219 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R7 Datasheet HTML 215Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 216Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 217Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 218Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 219Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 220Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 221Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 222Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 223Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 483 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
f e d c b a Z Y X W V U T S R Q P O N M L K J I H G F E D C B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
Z
RW CH25
Channel 25 enable set register. Writing '0' has no effect
Disabled
0
Read: channel disabled
Enabled
1
Read: channel enabled
Set
1
Write: Enable channel
a
RW CH26
Channel 26 enable set register. Writing '0' has no effect
Disabled
0
Read: channel disabled
Enabled
1
Read: channel enabled
Set
1
Write: Enable channel
b
RW CH27
Channel 27 enable set register. Writing '0' has no effect
Disabled
0
Read: channel disabled
Enabled
1
Read: channel enabled
Set
1
Write: Enable channel
c
RW CH28
Channel 28 enable set register. Writing '0' has no effect
Disabled
0
Read: channel disabled
Enabled
1
Read: channel enabled
Set
1
Write: Enable channel
d
RW CH29
Channel 29 enable set register. Writing '0' has no effect
Disabled
0
Read: channel disabled
Enabled
1
Read: channel enabled
Set
1
Write: Enable channel
e
RW CH30
Channel 30 enable set register. Writing '0' has no effect
Disabled
0
Read: channel disabled
Enabled
1
Read: channel enabled
Set
1
Write: Enable channel
f
RW CH31
Channel 31 enable set register. Writing '0' has no effect
Disabled
0
Read: channel disabled
Enabled
1
Read: channel enabled
Set
1
Write: Enable channel
6.11.2.3 CHENCLR
Address offset: 0x508
Channel enable clear register
Read: reads value of CH{i} field in CHEN register.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
f e d c b a Z Y X W V U T S R Q P O N M L K J I H G F E D C B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW CH0
Channel 0 enable clear register. Writing '0' has no effect
Disabled
0
Read: channel disabled
Enabled
1
Read: channel enabled
Clear
1
Write: disable channel
B
RW CH1
Channel 1 enable clear register. Writing '0' has no effect
Disabled
0
Read: channel disabled
Enabled
1
Read: channel enabled
Clear
1
Write: disable channel
C
RW CH2
Channel 2 enable clear register. Writing '0' has no effect
Disabled
0
Read: channel disabled
4430_161 v1.0
219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com