Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QFAA-R7 Datasheet(PDF) 301 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R7
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R7 Datasheet(HTML) 301 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R7 Datasheet HTML 297Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 298Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 299Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 300Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 301Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 302Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 303Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 304Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 305Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 483 page
background image
Peripherals
Frequency
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
B
A A A A A A A
Reset 0x00000002
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0
Id
RW Field
Value Id
Value
Description
A
RW FREQUENCY
[0..100]
Radio channel frequency
Frequency = 2400 + FREQUENCY (MHz).
B
RW MAP
Channel map selection.
Default
0
Channel map between 2400 MHZ .. 2500 MHz
Frequency = 2400 + FREQUENCY (MHz)
Low
1
Channel map between 2360 MHZ .. 2460 MHz
Frequency = 2360 + FREQUENCY (MHz)
6.14.14.10 TXPOWER
Address offset: 0x50C
Output power
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW TXPOWER
RADIO output power.
Output power in number of dBm, i.e. if the value -20 is
specified the output power will be set to -20dBm.
Pos4dBm
0x04
+4 dBm
Pos3dBm
0x03
+3 dBm
0dBm
0x00
0 dBm
Neg4dBm
0xFC
-4 dBm
Neg8dBm
0xF8
-8 dBm
Neg12dBm
0xF4
-12 dBm
Neg16dBm
0xF0
-16 dBm
Neg20dBm
0xEC
-20 dBm
Neg30dBm
0xD8
-40 dBm
Deprecated
Neg40dBm
0xD8
-40 dBm
6.14.14.11 MODE
Address offset: 0x510
Data rate and modulation
4430_161 v1.0
301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com