Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QFAA-R7 Datasheet(PDF) 306 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R7
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R7 Datasheet(HTML) 306 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R7 Datasheet HTML 302Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 303Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 304Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 305Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 306Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 307Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 308Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 309Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 310Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 483 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW CRCPOLY
CRC polynomial
Each term in the CRC polynomial is mapped to a bit in this
register which index corresponds to the term's exponent.
The least significant term/bit is hard-wired internally to
1, and bit number 0 of the register content is ignored by
the hardware. The following example is for an 8 bit CRC
polynomial: x8 + x7 + x3 + x2 + 1 = 1 1000 1101 .
6.14.14.22 CRCINIT
Address offset: 0x53C
CRC initial value
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW CRCINIT
CRC initial value
Initial value for CRC calculation.
6.14.14.23 TIFS
Address offset: 0x544
Inter Frame Spacing in us
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW TIFS
Inter Frame Spacing in us
Inter frame space is the time interval between two
consecutive packets. It is defined as the time, in micro
seconds, from the end of the last bit of the previous packet
to the start of the first bit of the subsequent packet.
6.14.14.24 RSSISAMPLE
Address offset: 0x548
RSSI sample
4430_161 v1.0
306



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com