| Electronic Components Datasheet Search |
|
NRF52810-QFAA-R7 Datasheet(PDF) 372 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R7 Datasheet(HTML) 372 Page - Nordic Semiconductor |
|
372 / 483 page ![]() Peripherals The SPIM does not implement support for chip select directly. Therefore, the CPU must use available GPIOs to select the correct slave and control this independently of the SPI master. The SPIM supports SPI modes 0 through 3. The CONFIG register allows setting CPOL and CPHA appropriately. Mode Clock polarity Clock phase CPOL CPHA SPI_MODE0 0 (Active High) 0 (Leading) SPI_MODE1 0 (Active High) 1 (Trailing) SPI_MODE2 1 (Active Low) 0 (Leading) SPI_MODE3 1 (Active Low) 1 (Trailing) Table 73: SPI modes 6.18.1 SPI master transaction sequence An SPI master transaction consists of a sequence started by the START task followed by a number of events, and finally the STOP task. An SPI master transaction is started by triggering the START task. The ENDTX event will be generated when the transmitter has transmitted all bytes in the TXD buffer as specified in the TXD.MAXCNT register. The ENDRX event will be generated when the receiver has filled the RXD buffer, i.e. received the last possible byte as specified in the RXD.MAXCNT register. Following a START task, the SPI master will generate an END event when both ENDRX and ENDTX have been generated. The SPI master is stopped by triggering the STOP task. A STOPPED event is generated when the SPI master has stopped. If the ENDRX event has not already been generated when the SPI master has come to a stop, the SPI master will generate the ENDRX event explicitly even though the RX buffer is not full. If the ENDTX event has not already been generated when the SPI master has come to a stop, the SPI master will generate the ENDTX event explicitly even though all bytes in the TXD buffer, as specified in the TXD.MAXCNT register, have not been transmitted. The SPI master is a synchronous interface, and for every byte that is sent, a different byte will be received at the same time; this is illustrated in SPI master transaction on page 373. 4430_161 v1.0 372 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |