Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52820-QDAA-R Datasheet(PDF) 422 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 422 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 418Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 419Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 420Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 421Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 422Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 423Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 424Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 425Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 426Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 422 / 437 page
background image
Hardware and layout
Designator
Value
Description
Footprint
C1, C2, C15,
C16
12 pF
Capacitor, NP0, ±2%
0201
C3
1.0 pF
Capacitor, NP0, ±5%
0201
C4
1.2 pF
Capacitor, NP0, ±5%
0201
C5, C7, C11
100 nF
Capacitor, X7S, ±10%
0201
C6, C19
4.7 µF
Capacitor, X7R, ±10%
0603
C8
820 pF
Capacitor, X7R, ±10%
0201
C9
N.C.
Not mounted
0201
C10
100 pF
Capacitor, NP0, ±5%
0201
C12, C13
1.0 µF
Capacitor, X7S, ±10%
0402
C14
47 nF
Capacitor, X7S, ±10%
0201
C18
4.7 µF
Capacitor, X7S, ±10%
0603
L1
4.7 nH
High frequency chip inductor, ±5%
0201
L2
2.2 nH
High frequency chip inductor, ±5%
0201
L3
10 µH
Chip inductor, IDC,min = 50 mA, ±20%
0603
L4
15 nH
High frequency chip inductor, ±10%
0402
U1
nRF52820-
QDAA
Multiprotocol Bluetooth® Low Energy, IEEE
802.15.4, ANT, and 2.4 GHz proprietary System on
Chip
QFN-40
X1
32 MHz
Crystal SMD 1612, 32 MHz, Cl=8 pF, Total Tol: ±40
ppm
XTAL_1612
X2
32.768 kHz
Crystal SMD 2012, 32.768 kHz, Cl=9 pF, Total Tol:
±50 ppm
XTAL_2012
Table 121: Bill of material for circuit configuration no. 2
7.3.3 Circuit configuration no. 3 for QDAA QFN40
This section contains a configuration summary, a schematic, and bill of materials table for QDAA QFN40
circuit configuration number 3.
Supply configuration
Enabled features
Config no.
VDDH
VDD
DCDCEN1
USB
Config. 3 N/A
Battery/Ext. regulator
No
Yes
Table 122: Configuration summary for circuit configuration no. 3
4463_156 v1.0
422



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com