Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52820-QDAA-R Datasheet(PDF) 426 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 426 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 422Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 423Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 424Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 425Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 426Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 427Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 428Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 429Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 430Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 426 / 437 page
background image
Hardware and layout
Designator
Value
Description
Footprint
C1, C2, C15,
C16
12 pF
Capacitor, NP0, ±2%
0201
C3
1.0 pF
Capacitor, NP0, ±5%
0201
C4
1.2 pF
Capacitor, NP0, ±5%
0201
C5, C7, C11
100 nF
Capacitor, X7S, ±10%
0201
C6
4.7 µF
Capacitor, X7R, ±10%
0603
C8
820 pF
Capacitor, X7R, ±10%
0201
C9
N.C.
Not mounted
0201
C10
100 pF
Capacitor, NP0, ±5%
0201
C12, C13
1.0 µF
Capacitor, X7S, ±10%
0402
L1
4.7 nH
High frequency chip inductor, ±5%
0201
L2
2.2 nH
High frequency chip inductor, ±5%
0201
U1
nRF52820-
QDAA
Multiprotocol Bluetooth® Low Energy, IEEE
802.15.4, ANT, and 2.4 GHz proprietary System on
Chip
QFN-40
X1
32 MHz
Crystal SMD 1612, 32 MHz, Cl=8 pF, Total Tol: ±40
ppm
XTAL_1612
X2
32.768 kHz
Crystal SMD 2012, 32.768 kHz, Cl=9 pF, Total Tol:
±50 ppm
XTAL_2012
Table 125: Bill of material for circuit configuration no. 4
7.3.5 PCB guidelines
A well designed PCB is necessary to achieve good RF performance. Poor layout can lead to loss in
performance or functionality.
A qualified RF layout for the device and its surrounding components, including matching networks, can be
downloaded from www.nordicsemi.com.
To ensure optimal performance it is essential that you follow the schematics and layout references closely.
Especially in the case of the antenna matching circuitry (components between device pin ANT and the
antenna), any changes to the layout can change the behavior, resulting in degradation of RF performance
or a need to change component values. All reference circuits are designed for use with a 50 Ω single-
ended antenna.
A PCB with a minimum of four layers, including a ground plane, is recommended for optimal performance.
On the inner layers, put a keep-out area on the inner layers directly below the antenna matching circuitry
(components between device pin ANT and the antenna) to reduce the stray capacitances that influence RF
performance.
A matching network is needed between the RF pin ANT and the antenna, to match the antenna
impedance (normally 50 Ω) to the optimum RF load impedance for the chip. For optimum performance,
the impedance for the matching network should be set as described in the recommended package
reference circuitry in Reference circuitry on page 418.
The DC supply voltage should be decoupled as close as possible to the VDD pins with high performance RF
capacitors. See the schematics for recommended decoupling capacitor values. The supply voltage for the
chip should be filtered and routed separately from the supply voltages of any digital circuitry.
4463_156 v1.0
426



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com