Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52820-QDAA-R Datasheet(PDF) 425 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 425 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 421Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 422Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 423Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 424Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 425Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 426Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 427Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 428Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 429Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 425 / 437 page
background image
Hardware and layout
C5
100nF
DEC1
C16
12pF
C15
12pF
X2
32.768kHz
Optional
X1
32MHz C1
12pF
C2
12pF
C10
100pF
VDD_nRF
C13
1.0µF
C9
N.C.
VDD_nRF
C7
100nF
C11
100nF
VDD_nRF
C12
1.0µF
RF
VDD_nRF
C6
4.7µF
C3
1.0pF
L1
4.7nH
C4
1.2pF
L2
2.2nH
C8
820pF
P0.06
P0.00/XL1
P0.01/XL2
DEC1
1
VSS_PA
25
ANT
24
DEC6
26
DEC3
27
XC1
28
XC2
29
VDD
30
P0.00/XL1
2
P0.01/XL2
3
P0.04/AIN2
4
P0.05/AIN3
5
P0.07
7
nRF52820
VDD
8
VDDH
9
VBUS
10
P0.16
22
P0.06
6
DEC5
21
P0.17
23
U1
nRF52820-QDAA
P0.04/AIN2
P0.05/AIN3
P0.07
XC1
XC2
DEC3
DEC4_6
P0.16
P0.17
Figure 152: Circuit configuration no. 4 schematic for QDAA QFN40
Note: For PCB reference layouts, see the product page for the nRF52820 on www.nordicsemi.com.
4463_156 v1.0
425



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com