Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52820-QDAA-R Datasheet(PDF) 173 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 173 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 169Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 170Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 171Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 172Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 173Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 174Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 175Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 176Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 177Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 437 page
background image
Peripherals
Advertising channel PDU
For advertising channel PDUs, the CTEInfo Flag replaces the CP bit. The CTEInfo Flag is within the extended
header flag field in some of the advertising PDUs that employ the common extended advertising payload
format (i.e. AUX_SYNC_IND, AUX_CHAIN_IND). The format of such packets is shown in the following
figure.
Length
PDU Type
...
4 bits
8 bits
6 bits
4 bits
S0
LENGTH
PAYLOAD
Extended
Header Length
AdvMode
...
CTEInfo
flag
2 bits
2
bits
1 bit
5
bits
...
Extended Header Flags
CTEInfo
8 bits
...
...
CRC
CTE
AdvA
TargetA
6 octets
6 octets
Figure 63: Advertising channel PDU header
The CTEINLINECONF.S0CONF and CTEINLINECONF.S0MASK fields can be configured to accept only certain
advertising PDU Types. If the extended header length is non-zero, the CTEInfo extended header flag is
checked to determine whether CTEInfo is present. If a bit before the CTEInfo flag within the extended
header flags is set, then the CTEInfo position is postponed 6 octets.
CTEInfo parsing
The CTEInfo field is shown in the following figure.
CTETime
RFU
CTEType
5 bits
1 bit
2 bits
Figure 64: CTEInfo field
The CTETIME field defines the length of the CTE in 8 µs units. The valid upper bound of values can
be adjusted using CTEINLINECONF.CTETIMEVALIDRANGE, including allowing use of the RFU bit
within this field. If the CTETIME field is an invalid value of either 0 or 1, the CTE is assumed to be
the minimum valid length of 16 µs. The slot duration is determined by the CTEType field. In RX this
determines whether the sample spacing as defined in CTEINLINECONF.CTEINLINERXMODE1US or
CTEINLINECONF.CTEINLINERXMODE2US is used.
CTEType
Description
TX switch spacing
RX sample spacing during
reference period
Sample spacing RX during
reference period
0
AoA, no switching
-
TSAMPLESPACING1
TSAMPLESPACING2
1
AoD, 1 µs slots
2 µs
TSAMPLESPACING1
CTEINLINERXMODE1US
2
AoD, 2 µs slots
4 µs
TSAMPLESPACING1
CTEINLINERXMODE2US
3
Reserved for future use
Table 56: Switching and sampling spacing based on CTEType
6.12.12.4 Manual configuration
If CTEINLINECONF.CTEINLINECTRLEN is not set, then the packet is not parsed to determine the CTE
parameters, and the antenna switching and sampling is controlled by other registers, see Antenna
switching on page 174. The length of the CTE is given in 8 µs units by DFECTRL1.NUMBEROF8US. The
start of the antenna switching and/or sampling (denoted as an AoA/AoD procedure), can be configured
to start at some trigger with an additional offset. Using DFECTRL1.DFEINEXTENSION, the trigger can be
configured to be the end of the CRC, or alternatively, the ADDRESS event. The additional offset for antenna
switching is configured using DFECTRL2.TSWITCHOFFSET. Similarly, the additional offset for antenna
sampling is configured using DFECTRL2.TSAMPLEOFFSET.
4463_156 v1.0
173



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com