Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52820-QDAA-R Datasheet(PDF) 177 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 177 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 173Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 174Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 175Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 176Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 177Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 178Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 179Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 180Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 181Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 437 page
background image
Peripherals
The preamble sequence consists of four octets that are all zero, and are used for synchronizing the
RADIO's receiver. Following the preamble is the single octet start of frame delimiter (SFD), with a fixed
value of 0xA7. An alternate SFD can be programmed through the SFD register, providing an initial level of
frame filtering for those who choose non-standard compliance. It is a valuable feature when operating in
a congested or private network. The preamble sequence and the SFD are generated by the RADIO, and are
not programmed by the user into the frame buffer.
Following the five octet synchronization header (SHR) is the single octet phy header (PHR). The least
significant seven bits of PHR denote the frame length of the following PSDU. The most significant bit is
reserved and is set to zero for frames that are standard compliant. The RADIO reports all eight bits which
can be used to carry additional information. The PHR is the first byte written to the frame data memory
pointed to by PACKETPTR. Frames with zero length are discarded, and the FRAMESTART event is not
generated in this case.
The next N octets carry the data of the PHY packet, where N equals the value of the PHR. For an
implementation also using the IEEE 802.15.4 MAC layer, the PHY data is a MAC frame of N-2 octets, since
two octets occupy a CRC field.
An IEEE 802.15.4 MAC layer frame consists of the following:
• A header:
• The frame control field (FCF)
• The sequence number
• Addressing fields
• A payload
• The 16-bit frame control sequence (FCS)
MAC protocol data unit (MPDU)
FCF
Frame type
Seq
Addressing fields
MAC payload
FCS
CRC-16
2 octets
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Sec
Pend
ACK
Comp
Reserved
Dst A mode
Frame ver
Src A mode
0/4/6/8/10/12/14/16/18/20 octets
Dst PAN ID
Dst address
Src PAN ID
Src address
Security
0/5/6/10/14 octets
MAC header (MHR)
MAC service data unit (MSDU)
(MFR)
Frame control field (FCF) 2 octets
Figure 68: IEEE 802.15.4 frame format (MPDU)
The two FCF octets contain information about the frame type, addressing, and other control flags. This
field is decoded when using the assisted operating modes offered by the RADIO.
The sequence number is a single octet in size and is unique for a frame. It is used in the associated
acknowledgement frame sent upon successful frame reception.
The addressing field can be zero (acknowledgement frame) or up to 20 octets in size. The field is used
to direct packets to the correct recipient and denote its origin. IEEE 802.15.4 bases its addressing on
networks being organized in PANs with 16-bit identifier and nodes having a 16-bit or 64-bit address. In the
assisted receive mode, these parameters are analyzed for address matching and acknowledgement.
The MAC payload carries the data of the next higher layer, or in the case of a MAC command frame,
information used by the MAC layer itself.
4463_156 v1.0
177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com