Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10C167 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST10C167
Description  16-BIT MCU WITH 32K BYTE ROM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10C167 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST10C167 Datasheet HTML 7Page - STMicroelectronics ST10C167 Datasheet HTML 8Page - STMicroelectronics ST10C167 Datasheet HTML 9Page - STMicroelectronics ST10C167 Datasheet HTML 10Page - STMicroelectronics ST10C167 Datasheet HTML 11Page - STMicroelectronics ST10C167 Datasheet HTML 12Page - STMicroelectronics ST10C167 Datasheet HTML 13Page - STMicroelectronics ST10C167 Datasheet HTML 14Page - STMicroelectronics ST10C167 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 65 page
background image
ST10C167
11/65
IV - MEMORY ORGANIZATION
The
memory
space
of
the
ST10C167
is
configured in a Von-Neumann architecture. Code
memory, data memory, registers and I/O ports are
organized within the same linear address space of
16M Byte.
The entire memory space can be accessed Byte-
wise or Wordwise. Particular portions of the
on-chip memory have additionally been made
directly bit addressable.
ROM : 32K Byte of on-chip ROM.
RAM
:
2K Byte
of
on-chip
internal
RAM
(dual-port) is provided as a storage for data, sys-
tem stack, general purpose register banks and
code. The register bank can consist of up to 16
wordwide (R0 to R15) and/or Bytewide (RL0,
RH0,
…, RL7, RH7) general purpose registers.
XRAM : 2K Byte of on-chip extension RAM (sin-
gle port XRAM) is provided as a storage for data,
user stack and code.
The XRAM is connected to the internal XBUS and
is accessed like an external memory in 16-bit
demultiplexed bus-mode without waitstate or
read/write delay (80ns access at 25MHz CPU
clock). Byte and Word access is allowed.
The
XRAM
address
range
is
00’E000h
-
00’E7FFh if the XRAM is enabled (XPEN bit 2 of
SYSCON register). As the XRAM appears like
external memory, it cannot be used for the
ST10C167’s system stack or register banks. The
XRAM is not provided for single bit storage and
therefore is not bit addressable. If bit XRAMEN is
cleared, then any access in the address range
00’E000h - 00’E7FFh will be directed to external
memory interface, using the BUSCONx register
corresponding to address matching ADDRSELx
register.
SFR/ESFR : 1024 Byte (2 * 512 Byte) of address
space is reserved for the special function register
areas. SFRs are wordwide registers which are
used for controlling and monitoring functions of
the different on-chip units.
CAN : Address range 00’EF00h - 00’EFFFh is
reserved for the CAN Module access. The CAN is
enabled by setting XPEN bit 2 of the SYSCON
register. Accesses to the CAN Module use demul-
tiplexed addresses and a 16-bit data bus (Byte
accesses are possible). Two wait states give an
access time of 160ns at 25MHz CPU clock. No
tristate waitstate is used.
Note
If the CAN module is used, Port 4 can not
be programmed to output all 8 segment
address lines. Thus, only 4 segment
address lines can be used, reducing the
external memory space to 5M Byte (1M
Byte per CS line).
In order to meet the needs of designs where more
memory is required than is provided on chip, up to
16M Byte of external RAM and/or ROM can be
connected to the microcontroller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com