Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10C167 Datasheet(PDF) 40 Page - STMicroelectronics

Part # ST10C167
Description  16-BIT MCU WITH 32K BYTE ROM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10C167 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button ST10C167 Datasheet HTML 36Page - STMicroelectronics ST10C167 Datasheet HTML 37Page - STMicroelectronics ST10C167 Datasheet HTML 38Page - STMicroelectronics ST10C167 Datasheet HTML 39Page - STMicroelectronics ST10C167 Datasheet HTML 40Page - STMicroelectronics ST10C167 Datasheet HTML 41Page - STMicroelectronics ST10C167 Datasheet HTML 42Page - STMicroelectronics ST10C167 Datasheet HTML 43Page - STMicroelectronics ST10C167 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 65 page
background image
ST10C167
40/65
Notes 1. This specification is not valid for outputs which are switched to open drain mode. In this case the respective output will float and the
voltage results from the external circuitry.
2. The maximum current may be drawn while the respective signal line remains inactive.
3. The minimum current must be drawn in order to drive the respective signal line active.
4. This specification is only valid during Reset, or during Hold- or Adapt-mode. Port 6 pins are only affected if they are used as CSx
output and the open drain function is not enabled.
5. Partially tested, guaranteed by design characterization.
6. The supply current is a function of the operating frequency. This dependency is illustr ated in the figure below. These parameters
are tested at VDDmax and 20MHz CPU clock with all outputs disconnected and all inputs at VIL or VIH.
7. This parameter is tested including leakage currents. All inputs (including pins configured as inputs) at 0V to 0.1V or at VDD – 0.1V
to VDD,VREF = 0V, all outputs (including pins configured as outputs) disconnected.
8. Overload conditions occur if the standard operating conditions are exceeded, i.e. the voltage on any pin exceeds the specified
range (i.e. VOV > VDD+0.5V or VOV <VSS-0.5V). The absolute sum of input overload currents on all port pins may not exceed 50mA
(see Figure 8).
XX.3.1 - A/D converter characteristics
VDD =5V ± 10%, VSS =0V, TA = -40 to +125°C
4.0V
≤ V
AREF ≤ VDD + 0.1V, VSS - 0.1V ≤ VAGND ≤ VSS + 0.2V (see Table 16)
Figure 8 : Supply/idle current as a function of operating frequency
Table 16 : A/D converter characteristics
Symbol
Parameter
Test Condition s
Min.
Max.
Unit
VAIN
SR
Analog input voltage range
1
VAGND
VAREF
V
tS
CC Sample time
24
–2 tSC
tC
CC Conversion time
34
–14 tCC +tS +
4TCL
TUE
CC Total unadjusted error
5
–
± 2LSB
RAREF SR Internal resistance of reference voltage
source
tCC in [ns]
67
–tCC /165 - 0.25
k
Ω
RASRC SR Internal resistance of analog source
tS in [ns]
27
–tS / 330 - 0.25
k
Ω
CAIN
CC ADC input capacitance
7
–33
pF
I[mA]
fCPU [MHz]
5
10
15
20
195
95
10
ICCtyp
IIDmax
ICCmax
IIDtyp
25
XX - ELECTRICAL CHARACTERISTICS (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com