Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10C167 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST10C167
Description  16-BIT MCU WITH 32K BYTE ROM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10C167 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST10C167 Datasheet HTML 8Page - STMicroelectronics ST10C167 Datasheet HTML 9Page - STMicroelectronics ST10C167 Datasheet HTML 10Page - STMicroelectronics ST10C167 Datasheet HTML 11Page - STMicroelectronics ST10C167 Datasheet HTML 12Page - STMicroelectronics ST10C167 Datasheet HTML 13Page - STMicroelectronics ST10C167 Datasheet HTML 14Page - STMicroelectronics ST10C167 Datasheet HTML 15Page - STMicroelectronics ST10C167 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 65 page
background image
ST10C167
12/65
V - CENTRAL PROCESSING UNIT (CPU)
The CPU includes a 4-stage instruction pipeline, a
16-bit arithmetic and logic unit (ALU) and dedi-
cated SFRs. Additional hardware has been added
for a separate multiply and divide unit, a bit-mask
generator and a barrel shifter.
Most of the ST10C167’s instructions can be exe-
cuted in one instruction cycle which requires 80ns
at 25MHz CPU clock. For example, shift and
rotate instructions are processed in one instruc-
tion cycle independent of the number of bits to be
shifted. Multiple-cycle instructions have been opti-
mized: branches are carried out in 2 cycles, 16 x
16 bit multiplication in 5 cycles and a 32/16 bit
division in 10 cycles.The jump cache reduces the
execution time of repeatedly performed jumps in a
loop, from 2 cycles to 1 cycle.
The
CPU
uses
an
actual
register
context
consisting of up to 16 Word wide GPRs physically
allocated within the on-chip RAM area. A Context
Pointer
(CP)
register
determines
the
base
address of the active register bank to be accessed
by the CPU. The number of register banks is only
restricted by the available internal RAM space.
For easy parameter passing, a register bank may
overlap others.
A system stack of up to 1024 Byte is provided as a
storage for temporary data. The system stack is
allocated in the on-chip RAM area, and it is
accessed by the CPU via the stack pointer (SP)
register.
Two
separate
SFRs,
STKOV
and
STKUN, are implicitly compared against the stack
pointer value upon each stack access for the
detection of a stack overflow or underflow.
Figure 4 : CPU Block Diagram
32
Internal
RAM
2K Byte
General
Purpose
Registers
R0
R15
MDH
MLD
Barrel-Shift
Mul./Div.-HW
Bit-Mask Gen.
ALU
16-Bit
CP
SP
STKOV
STKUN
Exec. Unit
Instr. Ptr
Instr. Reg
4-Stage
Pipeline
PSW
SYSCON
BUSCON 0
BUSCON 1
BUSCON 2
BUSCON 3
BUSCON 4
ADDRSEL 1
ADDRSEL 2
ADDRSEL 3
ADDRSEL 4
Data Pg. Ptrs
Code Seg. Ptr.
CPU
32K Byte
on chip
ROM
16
16
Bank
n
Bank
i
Bank
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com