Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10C167 Datasheet(PDF) 31 Page - STMicroelectronics

Part # ST10C167
Description  16-BIT MCU WITH 32K BYTE ROM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10C167 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button ST10C167 Datasheet HTML 27Page - STMicroelectronics ST10C167 Datasheet HTML 28Page - STMicroelectronics ST10C167 Datasheet HTML 29Page - STMicroelectronics ST10C167 Datasheet HTML 30Page - STMicroelectronics ST10C167 Datasheet HTML 31Page - STMicroelectronics ST10C167 Datasheet HTML 32Page - STMicroelectronics ST10C167 Datasheet HTML 33Page - STMicroelectronics ST10C167 Datasheet HTML 34Page - STMicroelectronics ST10C167 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 65 page
background image
ST10C167
31/65
XIX - SPECIAL FUNCTION REGISTER OVERVIEW
Table 14 lists all SFRs which are implemented
in the ST10C167 in alphabetical order.
Bit-addressable SFRs are marked with the letter
“b” in column “Name”. SFRs within the Extended
SFR-Space (ESFRs) are marked with the letter
“E” in column “Physical Address”.
An SFR can be specified by its individual
mnemonic name. Depending on the selected
addressing mode, an SFR can be accessed via its
physical address (using the Data Page Pointers),
or via its short 8-bit address (without using the
Data Page Pointers).
Table 14 : Special function registers listed by name
Name
Physical
address
8-bit
address
Descriptio n
Reset
value
ADCIC
b
FF98h
CCh
A/D Converter End Of Conversion Interrupt Control Register 0000h
ADCON
b
FFA0h
D0h
A/D Converter Control Register
0000h
ADDAT
FEA0h
50h
A/D Converter Result Register
0000h
ADDAT2
F0A0h
E
50h
A/D Converter 2 Result Register
0000h
ADDRSEL1
FE18h
0Ch
Address Select Register 1
0000h
ADDRSEL2
FE1Ah
0Dh
Address Select Register 2
0000h
ADDRSEL3
FE1Ch
0Eh
Address Select Register 3
0000h
ADDRSEL4
FE1Eh
0Fh
Address Select Register 4
0000h
ADEIC
b
FF9Ah
CDh
A/D Converter Overrun Error Interrupt Control Register
0000h
BUSCON0 b
FF0Ch
86h
Bus Configuration Register 0
0XX0h
BUSCON1 b
FF14h
8Ah
Bus Configuration Register 1
0000h
BUSCON2 b
FF16h
8Bh
Bus Configuration Register 2
0000h
BUSCON3 b
FF18h
8Ch
Bus Configuration Register 3
0000h
BUSCON4 b
FF1Ah
8Dh
Bus Configuration Register 4
0000h
CAPREL
FE4Ah
25h
GPT2 Capture/Reload Register
0000h
CC8IC
b
FF88h
C4h
EX0IN Interrupt Control Register
0000h
CC0
FE80h
40h
CAPCOM Register 0
0000h
CC0IC
b
FF78h
BCh
CAPCOM Register 0 Interrupt Control Register
0000h
CC1
FE82h
41h
CAPCOM Register 1
0000h
CC1IC
b
FF7Ah
BDh
CAPCOM Register 1 Interrupt Control Register
0000h
CC2
FE84h
42h
CAPCOM Register 2
0000h
CC2IC
b
FF7Ch
BEh
CAPCOM Register 2 Interrupt Control Register
0000h
CC3
FE86h
43h
CAPCOM Register 3
0000h
CC3IC
b
FF7Eh
BFh
CAPCOM Register 3 Interrupt Control Register
0000h
CC4
FE88h
44h
CAPCOM Register 4
0000h
CC4IC
b
FF80h
C0h
CAPCOM Register 4 Interrupt Control Register
0000h
CC5
FE8Ah
45h
CAPCOM Register 5
0000h
CC5IC
b
FF82h
C1h
CAPCOM Register 5 Interrupt Control Register
0000h
CC6
FE8Ch
46h
CAPCOM Register 6
0000h
CC6IC
b
FF84h
C2h
CAPCOM Register 6 Interrupt Control Register
0000h
CC7
FE8Eh
47h
CAPCOM Register 7
0000h
CC7IC
b
FF86h
C3h
CAPCOM Register 7 Interrupt Control Register
0000h
CC8
FE90h
48h
CAPCOM Register 8
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com