Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10C167 Datasheet(PDF) 47 Page - STMicroelectronics

Part # ST10C167
Description  16-BIT MCU WITH 32K BYTE ROM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10C167 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button ST10C167 Datasheet HTML 43Page - STMicroelectronics ST10C167 Datasheet HTML 44Page - STMicroelectronics ST10C167 Datasheet HTML 45Page - STMicroelectronics ST10C167 Datasheet HTML 46Page - STMicroelectronics ST10C167 Datasheet HTML 47Page - STMicroelectronics ST10C167 Datasheet HTML 48Page - STMicroelectronics ST10C167 Datasheet HTML 49Page - STMicroelectronics ST10C167 Datasheet HTML 50Page - STMicroelectronics ST10C167 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 65 page
background image
ST10C167
47/65
Note
1. Guaranteed by design characterization.
t48
CC
RdCS, WrCS Low Time (with RW
delay)
30 + tC
–
2TCL - 10 + tC
–ns
t49
CC
RdCS, WrCS Low Time (no RW
delay)
50 + tC
–
3TCL - 10 + tC
–ns
t50
CC
Data valid to WrCS
26 + tC
–
2TCL - 14+ tC
–ns
t51
SR
Data hold after RdCS
0
–
0
–
ns
t52
1
SR
Data float after RdCS
–
20 + tF
–
2TCL - 20 + tF
ns
t54
CC
Address hold after RdCS, WrCS
20 + tF
–2TCL - 20 + tF
–ns
t56
CC
Data hold after WrCS
20 + tF
–2TCL - 20 + tF
–ns
Table 18 : Multiplexed bus characteristics (continued)
Symbol
Parameter
Max. CPU Clock
= 25MHz
Variable CPU Clock
1/2TCL = 1 to 25MHz
Unit
Min.
Max.
Min.
Max.
XX - ELECTRICAL CHARACTERISTICS (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com