Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10C167 Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST10C167
Description  16-BIT MCU WITH 32K BYTE ROM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10C167 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST10C167 Datasheet HTML 14Page - STMicroelectronics ST10C167 Datasheet HTML 15Page - STMicroelectronics ST10C167 Datasheet HTML 16Page - STMicroelectronics ST10C167 Datasheet HTML 17Page - STMicroelectronics ST10C167 Datasheet HTML 18Page - STMicroelectronics ST10C167 Datasheet HTML 19Page - STMicroelectronics ST10C167 Datasheet HTML 20Page - STMicroelectronics ST10C167 Datasheet HTML 21Page - STMicroelectronics ST10C167 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 65 page
background image
ST10C167
18/65
IX - GENERAL PURPOSE TIMER UNIT
The GPT unit is a flexible multifunctional timer/
counter structure which is used for time related
tasks such as event timing and counting, pulse
width and duty cycle measurements, pulse
generation, or pulse multiplication. The GPT unit
contains five 16-bit timers organized into two
separate modules GPT1 and GPT2. Each timer in
each module may operate independently in
several different modes, or may be concatenated
with another timer of the same module.
IX.1 - GPT1
Each of the three timers T2, T3, T4 of the GPT1
module can be configured individually for one of
four basic modes of operation: timer, gated
timer, counter mode and incremental interface
mode. In timer mode, the input clock for a timer is
derived from the CPU clock, divided by a pro-
grammable prescaler. In counter mode, the timer
is clocked in reference to external events. Pulse
width or duty cycle measurement is supported in
gated timer mode where the operation of a timer is
controlled by the ‘gate’ level on an external input
pin. For these purposes, each timer has one asso-
ciated port pin (TxIN) which is the gate or the
clock input.
The table below lists the timer input frequencies,
resolution and periods for each pre-scaler option
at 25MHz CPU clock. This also applies to the
Gated Timer Mode of T3 and to the auxiliary
timers T2 and T4 in Timer and Gated Timer Mode
(see Table 6).
The count direction (up/down) for each timer is
programmable by software or may additionally be
altered dynamically by an external signal on a port
pin (TxEUD).
In Incremental Interface Mode, the GPT1 timers
(T2, T3, T4) can be directly connected to the
incremental position sensor signals A and B by
their respective inputs TxIN and TxEUD. Direction
and count signals are internally derived from
these two input signals so that the contents of the
respective timer Tx corresponds to the sensor
position. The third position sensor signal TOP0
can be connected to an interrupt input.
Timer T3 has output toggle latches (TxOTL) which
changes state on each timer over-flow/underflow.
The state of this latch may be output on port pins
(TxOUT) e. g. for time out monitoring of external
hardware components, or may be used internally
to clock timers T2 and T4 for high resolution mea-
surement of long time periods.
In addition to their basic operating modes, timers
T2 and T4 may be configured as reload or capture
registers for timer T3. When used as capture or
reload registers, timers T2 and T4 are stopped.
The contents of timer T3 is captured into T2 or T4
in response to a signal at their associated input
pins (TxIN). Timer T3 is reloaded with the
contents of T2 or T4 triggered either by an
external signal or by a selectable state transition
of its toggle latch T3OTL. When both T2 and T4
are configured to alternately reload T3 on
opposite state transitions of T3OTL with the low
and high times of a PWM signal, this signal
can be constantly generated without software
intervention.
Table 6 : GPT1 timer input frequencies, resolution and periods
fCPU = 25MHz
Timer Input Selection T2I / T3I / T4I
000B
001B
010B
011B
100B
101B
110B
111B
Pre-scaler factor
8
16
32
64
128
256
512
1024
Input Frequency
3.125MHz
1.563MHz
781.3KHz
390.6KHz
195.3KHz
97.66KHz
48.83KHz
24.41KHz
Resolution
320ns
640ns
1.28
µs
2.56
µs5.12µs
10.24
µs
20.48
µs
40.96
µs
Period
21.0ms
41.9ms
83.9ms
167ms
336ms
671ms
1.34s
2.68s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com