Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10C167 Datasheet(PDF) 26 Page - STMicroelectronics

Part # ST10C167
Description  16-BIT MCU WITH 32K BYTE ROM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10C167 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button ST10C167 Datasheet HTML 22Page - STMicroelectronics ST10C167 Datasheet HTML 23Page - STMicroelectronics ST10C167 Datasheet HTML 24Page - STMicroelectronics ST10C167 Datasheet HTML 25Page - STMicroelectronics ST10C167 Datasheet HTML 26Page - STMicroelectronics ST10C167 Datasheet HTML 27Page - STMicroelectronics ST10C167 Datasheet HTML 28Page - STMicroelectronics ST10C167 Datasheet HTML 29Page - STMicroelectronics ST10C167 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 65 page
background image
ST10C167
26/65
XIV - CAN MODULE
The integrated CAN module handles the com-
pletely autonomous transmission and reception of
CAN frames in accordance with the CAN specifi-
cation V2.0 part B (active) i.e. the on-chip CAN
module can receive and transmit standard frames
with 11-bit identifiers as well as extended frames
with 29-bit identifiers.
The CAN module provides full CAN functionality
on up to 15 message objects. Message object 15
can be configured for basic CAN functionality.
Both modes provide separate masks for accep-
tance filtering, allowing a number of identifiers in
full CAN mode to be accepted and disregarding a
number of identifiers in basic CAN mode.
All message objects can be updated independent
from other objects and are equipped for the maxi-
mum message length of 8 Byte.
The bit timing is derived from the XCLK and is pro-
grammable up to a data rate of 1M Baud. The
CAN module uses two pins to interface to a bus
transceiver.
XV - WATCHDOG TIMER
The Watchdog Timer is a fail-safe mechanism
which prevents the microcontroller from malfunc-
tioning for long periods of time. The Watchdog
Timer is always enabled after a reset of the chip
and can only be disabled in the time interval until
the EINIT (end of initialization) instruction has
been executed. Therefore, the chip start-up pro-
cedure is always monitored. The software must
be designed to service the watchdog timer before
it overflows. If, due to hardware or software
related failures, the software fails to do so, the
watchdog timer overflows and generates an inter-
nal hardware reset. It pulls the RSTOUT pin low in
order to allow external hardware components to
be reset.
The Watchdog Timer is 16-bit, clocked with the
system clock divided by 2 or 128. The high Byte of
the watchdog timer register can be set to a
pre-specified reload value (stored in WDTREL).
Each time it is serviced by the application soft-
ware, the high Byte of the watchdog timer is
reloaded.
For security, rewrite WDTCON each
time before the watchdog timer is serviced
Table 12 : Watchdog time range for 25MHz CPU clock
Reload value in WDTREL
Prescaler for fCPU
2 (WDTIN = ‘0’)
128 (WDTIN = ‘1’)
FFH
20.48
µs
1.31ms
00H
5.24ms
336ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com