Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10C167 Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST10C167
Description  16-BIT MCU WITH 32K BYTE ROM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10C167 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST10C167 Datasheet HTML 13Page - STMicroelectronics ST10C167 Datasheet HTML 14Page - STMicroelectronics ST10C167 Datasheet HTML 15Page - STMicroelectronics ST10C167 Datasheet HTML 16Page - STMicroelectronics ST10C167 Datasheet HTML 17Page - STMicroelectronics ST10C167 Datasheet HTML 18Page - STMicroelectronics ST10C167 Datasheet HTML 19Page - STMicroelectronics ST10C167 Datasheet HTML 20Page - STMicroelectronics ST10C167 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 65 page
background image
ST10C167
17/65
VIII - CAPTURE/COMPARE (CAPCOM) UNIT
The ST10C167 has two 16 channel CAPCOM
units. They support generation and control of
timing sequences on up to 32 channels with a
maximum resolution of 320ns at 25MHz CPU
clock. The CAPCOM units are typically used to
handle high speed I/O tasks such as pulse and
waveform generation, pulse width modulation
(PMW), Digital to Analog
(D/A) conversion,
software timing, or time recording relative to
external events.
Four 16-bit timers (T0/T1, T7/T8) with reload
registers provide two independent time bases for
the capture/compare register array.
The input clock for the timers is programmable to
several prescaled values of the internal system
clock, or may be derived from an overflow/
underflow of timer T6 in module GPT2. This
provides a wide range of variation for the timer
period
and
resolution
and
allows
precise
adjustments to application specific requirements.
In addition, external count inputs for CAPCOM
timers T0 and T7 allow event scheduling for the
capture/compare registers relative to external
events.
Each of the two capture/compare register arrays
contain
16
dual
purpose
capture/compare
registers, each of which may be individually
allocated to either CAPCOM timer T0 or T1 (T7 or
T8, respectively), and programmed for capture or
compare
functions.
Each
register
has
one
associated port pin which serves as an input pin
for triggering the capture function, or as an output
pin (except for CC24...CC27) to indicate the
occurrence of a compare event.
When a capture/compare register has been
selected for capture mode, the current contents of
the allocated timer will be latched (captured) into
the capture/compare register in response to an
external event at the port pin which is associated
with this register. In addition, a specific interrupt
request for this capture/compare register is
generated. Either a positive, a negative, or both a
positive and a negative external signal transition
at the pin can be selected as the triggering event.
The contents of all registers which have been
selected for one of the five compare modes are
continuously compared with the contents of the
allocated timers. When a match occurs between
the timer value and the value in a capture/
compare register, specific actions will be taken
based on the selected compare mode (see
Table 4).
The input frequencies fTx for Tx are determined as
a function of the CPU clocks. The formulas are
detailed in the user manual. The timer input fre-
quencies, resolution and periods which result
from the selected pre-scaler option in TxI when
using a 25MHz CPU clock are listed in the table
below. The numbers for the timer periods are
based on a reload value of 0000H. Note that some
numbers may be rounded to 3 significant figures
(see Table 5).
Table 4 : Compare modes
Compare Modes
Function
Mode 0
Interrupt-only compare mode ; several compare interrupts per timer period are possible
Mode 1
Pin toggles on each compare match ; several compare events per timer period are possible
Mode 2
Interrupt-only compare mode ; only one compare interrupt per timer period is generated
Mode 3
Pin set ‘1’ on match; pin reset ‘0’ on compare time overflow ; only one compare event per
timer period is generated
Double Register Mode
Two registers operate on one pin; pin toggles on each compare match ; several compare
events per timer period are possible.
Table 5 : CAPCOM timer input frequencies, resolution and periods
fCPU = 25MHz
Timer Input Selection TxI
000B
001B
010B
011B
100B
101B
110B
111B
Pre-scaler for fCPU
8
16
32
64
128
256
512
1024
Input Frequency
3.125MHz
1.56MHz
781KHz
391KHz
195KHz
97.7KHz
48.8KHz
24.4KHz
Resolution
320ns
640ns
1.28
µs
2.56
µs
5.12
µs
10.24
µs
20.48
µs
40.96
µs
Period
21.0ms
41.9ms
83.9ms
167ms
336ms
671ms
1.34s
2.68s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com