Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10C167 Datasheet(PDF) 19 Page - STMicroelectronics

Part # ST10C167
Description  16-BIT MCU WITH 32K BYTE ROM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10C167 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ST10C167 Datasheet HTML 15Page - STMicroelectronics ST10C167 Datasheet HTML 16Page - STMicroelectronics ST10C167 Datasheet HTML 17Page - STMicroelectronics ST10C167 Datasheet HTML 18Page - STMicroelectronics ST10C167 Datasheet HTML 19Page - STMicroelectronics ST10C167 Datasheet HTML 20Page - STMicroelectronics ST10C167 Datasheet HTML 21Page - STMicroelectronics ST10C167 Datasheet HTML 22Page - STMicroelectronics ST10C167 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 65 page
background image
ST10C167
19/65
IX.2 - GPT2
The GPT2 module provides precise event control
and time measurement. It includes two timers (T5,
T6) and a capture/reload register (CAPREL). Both
timers can be clocked with an input clock which is
derived from the CPU clock via a programmable
prescaler or with external signals. The count
direction (up/down) for each timer is programma-
ble by software or may additionally be altered
dynamically by an external signal on a port pin
(TxEUD). Concatenation of the timers is sup-
ported via the output toggle latch (T6OTL) of timer
T6 which changes its state on each timer over-
flow/underflow.
The state of this latch may be used to clock timer
T5, or it may be output on a port pin (T6OUT). The
overflows/underflows of timer T6 can additionally
be used to clock the CAPCOM timers T0 or T1,
and to cause a reload from the CAPREL register.
The CAPREL register may capture the contents of
timer T5 based on an external signal transition on
the corresponding port pin (CAPIN), and timer T5
may optionally be cleared after the capture proce-
dure. This allows absolute time differences to be
measured or pulse multiplication to be performed
without software overhead.
The capture trigger (timer T5 to CAPREL) may
also be generated upon transitions of GPT1 timer
T3 inputs T3IN and/or T3EUD. This is advanta-
geous when T3 operates in Incremental Interface
Mode.
Table 7 lists the timer input frequencies, resolution
and periods for each pre-scaler option at 25MHz
CPU clock.
This also applies to the Gated Timer Mode of T6
and to the auxiliary timer T5 in Timer and Gated
Timer Mode.
Figure 5 : Block diagram of GPT1
2n n=3...10
2n n=3...10
2n n=3...10
T2EUD
T2IN
CPU Clock
CPU Clock
CPU Clock
T3EUD
T4IN
T3IN
T4EUD
T2
Mode
Control
T3
Mode
Control
T4
Mode
Control
GPT1 Timer T2
GPT1 Timer T3
GPT1 Timer T4
T3OTL
Reload
Capture
U/D
U/D
Reload
Capture
Interrupt
Request
Interrupt
Request
Interrupt
Request
T3OUT
U/D
IX - GENERAL PURPOSE TIMER UNIT (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com