Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD4046212RFS Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # HD4046212RFS
Description  AS Microcomputer Incorporating a DTMF Generator Circuit
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD4046212RFS Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button HD4046212RFS Datasheet HTML 44Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 45Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 46Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 47Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 48Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 49Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 50Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 51Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 157 page
background image
HD404629R Series
46
Table 22 Oscillator Circuit Examples
Circuit Configuration
Circuit Constants
External clock
operation
External
oscillator
OSC
Open
1
OSC
2
—
Ceramic oscillator
(OSC1, OSC2)
OSC
2
C1
2
C
OSC
1
Rf
Ceramic
oscillator
GND
Ceramic oscillator: CSB400P22 (Murata)
CSB400P (Murata)
Rf = 1 MΩ ± 20%
C1 = C2 = 220 pF
± 5%
Ceramic oscillator: CSB800J122 (Murata),
CSB800J (Murata)
Rf = 1 MΩ ± 20%
C1 = C2 = 220 pF ± 5%
Ceramic oscillator: CSA2.00MG (Murata)
Rf = 1 MΩ ± 20%
C1 = C2 = 30 pF ± 20%
Ceramic oscillator: CSA4.00MG (Murata)
Rf = 1 MΩ ± 20%
C1 = C2 = 30 pF ± 20%
Crystal oscillator
(OSC1, OSC2)
OSC1
C1
2
C
OSC2
Crystal
oscillator
GND
L
S
C
RS
Rf
C0
OSC1
OSC2
Rf = 1 MΩ ± 20%
C1 = C2 = 10 to 22pF ± 20%
Crystal : Equivalent circuit at left
C0 =7pF max
Rs = 100Ω max
f = 400kHz, 800kHz, 2MHz, 4MHz
Crystal oscillator
(X1, X2)
X1
C1
2
C
X2
Crystal
oscillator
GND
L
S
C
RS
C0
X1
X2
Crystal oscillator: 32.768 kHz: MX38T
(Nippon Denpa)
C
1 = C2 = 20 pF ± 20%
R
S:
14 k
Ω
C
0:
1.5 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com