Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD4046212RFS Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # HD4046212RFS
Description  AS Microcomputer Incorporating a DTMF Generator Circuit
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD4046212RFS Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button HD4046212RFS Datasheet HTML 16Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 17Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 18Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 19Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 20Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 21Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 22Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 23Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 157 page
background image
HD404629R Series
18
SPX Register (SPX) and SPY Register (SPY): The SPX and SPY registers are 4-bit registers used to
supplement the X and Y registers.
Carry Flag (CA): CA is a 1-bit flag that stores ALU overflow generated by an arithmetic operation. CA is
set to 1 when an overflow is generated, and is cleared to 0 after operations in which no overflow occurred.
CA is also affected by the carry set/carry clear instructions (SEC and REC), and by the rotate with carry
instructions (ROTL and ROTR).
During interrupt handling, CA is saved on the stack, and is restored from the stack by the RTNI instruction.
Status Flag (ST): ST is a 1-bit flag that stores the results of arithmetic instructions, compare instructions,
and bit test instructions, and is used as the branch condition for the BR, BRL, CAL, and CALL conditional
branch instructions.
The contents of the ST flag are held until the next arithmetic, compare, bit test, or conditional branch
instruction is executed. After the execution of a conditional branch instruction, the value of ST is set to 1
without regard to the condition.
During interrupt handling, ST is saved on the stack, and is restored from the stack by the RTNI instruction.
Program Counter (PC): The PC is a 14-bit counter that indicates the ROM address of the next instruction
the CPU will execute.
Stack Pointer (SP): The SP is a 10-bit register that indicates the RAM address of the next stack frame in
the stack area.
The SP is initialized to $3FF by a reset. The SP is decremented by 4 by a subroutine call or by interrupt
handling, and is incremented by 4 when the saved data has been restored by a return instruction.
The upper 4 bits of the SP are fixed at 1111; the maximum number of stack levels is thus 16.
In addition to the reset method described above, the SP can also be initialized to $3FF by clearing the reset
stack pointer (RSP) in the interrupt control bits area with a RAM bit manipulation instruction, i.e., REM or
REMD.
Reset
The MCU is reset by inputting a high-level voltage to the RESET pin. At power-on or when stop mode is
cancelled, RESET must be high for at least one t
RC to enable the oscillator to stabilize.
During operation,
RESET must be high for at least two instruction cycles.
Initial values after MCU reset are listed in table 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com