| Electronic Components Datasheet Search |
|
HD4046212RFS Datasheet(PDF) 92 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD4046212RFS Datasheet(HTML) 92 Page - Renesas Technology Corp |
|
92 / 157 page ![]() HD404629R Series 90 If more than eight transmit clocks are input in transfer state, at the eighth clock including a spurious pulse by noise, the octal counter reaches 000, the serial interrupt request flag (IFS: $023, bit 2) is set, and transmit clock wait state is entered. At the falling edge of the next normal clock signal, the transfer state is entered. After the transfer completion processing is performed and IFS is reset, writing to serial mode register A (SMRA: $005) changes the state from transfer to STS wait. At this time IFS is set again, and therefore the error can be detected. Notes on Use: • Initialization after writing to registers: If port mode register A (PMRA: $004) is written to in transmit clock wait state or in transfer state, the serial interface must be initialized by writing to serial mode register A (SMRA: $005) again. • Serial interrupt request flag (IFS: $023, bit 2) set: If the state is changed from transfer to another by writing to serial mode register A (SMRA: $005) or executing the STS instruction during the first low pulse of the transmit clock, the serial interrupt request flag is not set. To set the serial interrupt request flag, serial mode register A write or STS instruction execution must be programmed to be executed after confirming that the SCK pin is at 1, that is, after executing the input instruction to port R2. Registers for Serial Interface The serial interface operation is selected, and serial data is read and written by the following registers. Serial Mode Register A (SMRA: $005) Serial Mode Register B (SMRB: $028) Serial Data Register (SRL: $006, SRU: $007) Port Mode Register A (PMRA: $004) Miscellaneous Register (MIS: $00C) Serial Mode Register A (SMRA: $005): This register has the following functions (figure 74). R2 1/SCK pin function selection Transfer clock selection Prescaler division ratio selection Serial interface initialization Serial mode register A (SMRA: $005) is a 4-bit write-only register. It is reset to $0 by MCU reset. A write signal input to serial mode register A (SMRA: $005) discontinues the input of the transmit clock to the serial data register and octal counter, and the octal counter is reset to 000. Therefore, if a write is performed during data transfer, the serial interrupt request flag (IFS: $023, bit 2) is set. Written data is valid from the second instruction execution cycle after the write operation, so the STS instruction must be executed at least two cycles after that. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |