| Electronic Components Datasheet Search |
|
HD4046212RFS Datasheet(PDF) 14 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD4046212RFS Datasheet(HTML) 14 Page - Renesas Technology Corp |
|
14 / 157 page ![]() HD404629R Series 12 A/D mode register (AMR) Data (464 digits) V = 1 (bank = 1) $000 $000 $040 $050 $003 $004 $005 $006 $007 $008 $009 $00A $00B $00C $00D $00E $00F $010 $011 $012 $013 $014 $020 $023 $032 $033 $034 $035 $036 $037 $038 $03F $00A $00B $00E $00F W W R/W W W W W W W W W W W W W W W R R R R W R/W R/W R/W R/W R/W R/W $090 $25F $3C0 $260 RAM-mapped register area Memory registers (10 digits) LCD display area (52 digits) Not used Data (464 digits 3) V = 0 (bank 0) V = 1 (bank 1) V = 2 (bank 2) Data (352 digits) Stack (64 digits) Interrupt control bits area Port mode register A (PMRA) Serial mode register A (SMRA) Serial data register lower (SRL) Serial data register upper (SRU) Timer mode register A (TMA) Timer mode register B1 (TMB1) Timer B (TRBL/TWBL) (TRBU/TWBU) Miscellaneous register (MIS) Timer mode register C1 (TMC1) Timer C (TRCL/TWCL) (TRCU/TWCU) Timer mode register B2 (TMB2) Timer mode register D2 (TMD2) Register flag area Port R0 DCR (DCR0) Port R1 DCR (DCR1) Port R2 DCR (DCR2) Port R3 DCR (DCR3) Port D0–D3 DCR (DCD0) Port D4–D7 DCR (DCD1) Port D8 and D9 DCR (DCD2) Not used V register (V) Data (464 digits) V = 0 (bank = 0) The data area has three banks: bank 0 (V = 0) to bank 2 (V = 2). Two registers are mapped on the same area. 10 11 14 15 Timer read register B lower (TRBL) Timer read register B upper (TRBU) Timer read register C lower (TRCL) Timer read register C upper (TRCU) Timer write register B lower (TWBL) Timer write register B upper (TWBU) Timer write register C lower (TWCL) Timer write register C upper (TWCU) R: W: R/W: × $090 Read only Write only Read/write Data (464 digits) V = 2 (bank = 2) Notes: 1. 2. $011 $012 W W R R 17 18 Timer read register D lower (TRDL) Timer read register D upper (TRDU) Timer write register D lower (TWDL) Timer write register D upper (TWDU) $084 W Timer mode register D1 (TMD1) R/W R/W Timer D (TRDL/TWDL) (TRDU/TWDU) Timer mode register C2 (TMC2) $015 $016 R A/D data register lower (ADRL) $017 $024 $025 $026 $027 $028 $029 $02A $02B $018 $019 $01A $01B $01C $01D $01E $01F $3FF A/D data register upper (ADRU) LCD control register (LCR) LCD mode register (LMR) LCD output register 1 (LOR1) LCD output register 2 (LOR2) LCD output register 3 (LOR3) R W W W W W W W W Port mode register B (PMRB) Port mode register C (PMRC) Detection edge select register 1 (ESR1) Detection edge select register 2 (ESR2) Serial mode register B (SMRB) System clock select register (SSR) Not used Not used Port R4 DCR (DCR4) Port R5 DCR (DCR5) Port R6 DCR (DCR6) Port R7 DCR (DCR7) W W W W W W W W $03E $02C $02D $02E $02F $031 $030 R/W R/W R/W TG mode register (TGM) TG control register (TGC) W W *2 *1 RAM address RAM address Figure 2 RAM Memory Map |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |