Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD4046212RFS Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # HD4046212RFS
Description  AS Microcomputer Incorporating a DTMF Generator Circuit
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD4046212RFS Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button HD4046212RFS Datasheet HTML 64Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 65Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 66Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 67Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 68Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 69Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 70Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 71Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 157 page
background image
HD404629R Series
66
Bit
Initial value
Read/Write
Bit name
3
—
—
Not used
2
—
—
Not used
0
0
R/W
TMB20
1
0
R/W
TMB21
Timer mode register B2 (TMB2: $013)
TMB21
0
1
TMB20
0
1
0
1
R10/TOB mode selection
R10
TOB
TOB
TOB
R10 port
Toggle output
0 output
1 output
Figure 48 Timer Mode Register B2 (TMB2)
• Timer mode register B2 (TMB2: $013): Two-bit read/write register that selects the timer B output
mode as shown in figure 48. It is reset to $0 by MCU reset.
• Timer write register B (TWBL: $00A, TWBU: $00B): Write-only register consisting of the lower digit
(TWBL) and the upper digit (TWBU) as shown in figures 49 and 50. The lower digit is reset to $0 by
MCU reset, but the upper digit value is invalid.
Timer B is initialized by writing to timer write register B. In this case, the lower digit (TWBL) must be
written to first, but writing only to the lower digit does not change the timer B value. Timer B is
initialized to the value in timer write register B at the same time the upper digit (TWBU) is written to.
When timer write register B is written to again and if the lower digit value needs no change, writing
only to the upper digit initializes timer B.
Bit
Initial value
Read/Write
Bit name
3
0
W
TWBL3
2
0
W
TWBL2
0
0
W
TWBL0
1
0
W
TWBL1
Timer write register B (lower digit) (TWBL: $00A)
Figure 49 Timer Write Register B Lower Digit (TWBL)
Bit
Initial value
Read/Write
Bit name
3
Undefined
W
TWBU3
2
Undefined
W
TWBU2
0
Undefined
W
TWBU0
1
Undefined
W
TWBU1
Timer write register B (upper digit) (TWBU: $00B)
Figure 50 Timer Write Register B Upper Digit (TWBU)
• Timer read register B (TRBL: $00A, TRBU: $00B): Read-only register consisting of the lower digit
(TRBL) and the upper digit (TRBU) that holds the count of the timer B upper digit (figures 51 and 52).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com